Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC08B200QCIVS/NO.A Datasheet(PDF) 33 Page - Texas Instruments

Part # ADC08B200QCIVS/NO.A
Description  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200QCIVS/NO.A Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADC08B200QCIVS/NO.A Datasheet HTML 29Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 30Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 31Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 32Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 33Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 34Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 35Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 36Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
ADC08B200
www.ti.com
SNAS388F – MARCH 2007 – REVISED APRIL 2013
POWER SUPPLY CONSIDERATIONS
It is important to note that capacitors have an equivalent series inductance associated with them such that,
beyond a certain frequency, the capacitor behaves more like an inductance than a capacitance and adequate
bypassing may be infective, resulting in the power distribution system having a high impedance, which could
further result in excessive noise on the power supply. The frequency beyond which adequate bypassing may be
effective depends primarily upon the chemistry of the capacitor dielectric, but can also vary a little from one
manufacturer to another. Even so, this frequency is in the hundreds of Megahertz. Note, however, that a 200
MHz clock will have significant harmonic energy far beyond this. The result could be high frequency noise on the
supply lines that could effect the SNR performance of the converter.
The use of adjacent power and ground planes will go a long way toward reducing the impedance of the power
distribution system and is encouraged. Furthermore, we suggest placing the lowest value of bypass capacitor
close to the supply pin on the same side of the board as the ADC and connect the ground end of the bypass
capacitor to the ground plane with at least two through holes. The through holes have an inductance associated
with them and using two or more such holes puts these inductances in parallel, lowering the effective inductance
to ground.
Supply Voltages
The ADC8D200 will perform well with power supply voltages in the range specified in the Operating Ratings, just
before the Electrical Table. Many individual devices may perform well down to supply voltages of 2.7V, but this
should not be relied upon because part of the product distribution, depending upon normal fabrication process
tolerances, could result in the majority of some production runs not functioning well below 3.0V.
While all supplies may be of the same voltage, the digital supply (VD), the PLL supply (VP) and the output driver
supply (VDR) ADC08B200 should never be higher than 300 mV above the analog supply (VA). Furthermore, the
output driver supply, VDR may be as low as 2.7V only when using the buffer and when the buffer read clock
(RCLK) frequency is no higher than 50 MHz because the output slew rate decreases at low VDR voltages and the
output eye may not be open enough to allow reliable data capture.
LAYOUT AND GROUNDING
Proper grounding and proper routing of all signals are essential to ensure accurate conversion. A single, unified
ground plane should be used. Do not split the ground plane.
Coupling between the typically noisy digital circuitry and the sensitive analog circuitry can lead to poor
performance that may seem impossible to isolate and remedy. The solution is to keep all lines separated from
each other by at least six times the height above the reference plane, and to keep the analog circuitry well
separated from the digital circuitry.
The DR GND connection to the ground plane should not use the same through holes used by other ground
connections. High power digital components should not be located near any analog components.
Generally, analog and digital lines should cross each other at 90° to avoid getting digital noise into the analog
path. In high frequency systems, however, avoid crossing analog and digital lines altogether. Clock lines should
be isolated from ALL other lines, analog AND digital. Even the generally accepted 90° crossing should be
avoided as even a little coupling can cause problems at high frequencies. Best performance at high frequencies
is obtained with a straight signal path.
The reference and analog inputs should be isolated from noisy signal traces to avoid coupling of spurious signals
into the input. Any external component (e.g., a filter capacitor) connected between the converter's input and
ground should be connected to a very clean point in the ground plane and preferably with 2 to 4 closely spaced
through holes.
DYNAMIC PERFORMANCE
The ADC08B200 is a.c. tested and its dynamic performance is ensured. To meet the published specifications,
the clock source driving the CLK input must exhibit as little jitter as possible. For best a.c. performance, each
clock destination should be driven by a separate source, such as with a clock distribution chip or with a clock tree
such as seen in Figure 48.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com