Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC08B200QCIVS/NO.A Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC08B200QCIVS/NO.A
Description  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200QCIVS/NO.A Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC08B200QCIVS/NO.A Datasheet HTML 6Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 7Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 8Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 9Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 10Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 11Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 12Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 13Page - Texas Instruments ADC08B200QCIVS/NO.A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
ADC08B200
SNAS388F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
CONVERTER TIMING CHARACTERISTICS (continued)
The following specifications apply for VA = VDR = +3.3VDC, VRT = +1.9V, VRB = 0.3V, CL = 50 pF, fCLK = 200 MHz at 50% duty
cycle, OEDGE/TEN = 1, Buffer and PLL bypassed. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1)(2)
Units
Parameter
Test Conditions
Typ (3)
Limits (3)
(Limits)
CL = 10 pF
1.4
ns
Output Data Fall Time
tf
(2.4V to 0.4V)
CL = 20 pF
3.2
ns
4.0
ns (min)
Reading Buffer
7.0
RCLK Rising Edge to Data Output
11.7
ns (max)
tODF
Fall to 0.4V
Buffer bypassed, PLL disabled
5.5
ns
2.3
ns (min)
Reading Buffer
6.5
RCLK Rising Edge to Data Output
13.1
ns (max)
tODR
Rise to 2.5V
Buffer bypassed, PLL disabled
5.5
ns
RCLK Rising Edge to Data Output
2.4
ns (min)
tOHF
Reading Buffer
3.8
Fall to 2.5V
5.5
ns (max)
RCLK Rising Edge to Data Output
2.6
ns (min)
tOHR
Reading Buffer
4.5
Rise to 0.4V
6.9
ns (max)
Output Falling (2.4V to 0.4V)
1.5
V / ns
tSLEW
Output Slew Rate
Output Rising (0.4V to 2.5V)
2.3
V / ns
PLL Enabled
20
µs
tDRDY1
PD Low to Device Active
PLL Bypassed
2
µs
tDRDY2
PDADC Low to Device Active
2
µs
Pipeline Delay (Latency)
6
Clock Cycles
PLL on
3.4
ns
CLK Rise to
tAD
Sampling (Aperture) Delay
Acquisition of Data
PLL off
3.9
ns
PLL Bypassed
2
ps rms
tAJ
Aperture Jitter
PLL Enabled in x8 mode (6)
7
ps rms
(6)
Jitter with the PLL enabled is measured with 32k samples and the PLL in the x8 multiplication mode.
SPECIFICATION DEFINITIONS
APERTURE (SAMPLING) DELAY is that time delay after the rise of the sample clock until the input signal is
sampled within the ADC.
APERTURE JITTER is the variation in aperture delay from sample to sample. Aperture jitter shows up as input
noise.
CLOCK DUTY CYCLE is the ratio of the time that the clock waveform is at a logic high to the total time of one
clock period.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB. Measured at 200 MSPS with a ramp input.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise
and Distortion Ratio, or SINAD. ENOB is defined as (SINAD – 1.76) / 6.02 and says that the converter is
equivalent to a perfect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH is a measure of the frequency at which the reconstructed output fundamental
drops 3 dB below its low frequency value for a full scale input.
FULL-SCALE ERROR is a measure of how far the last code transition is from the ideal 1½ LSB below VRT and
is defined as:
FSE = Vmax + 1.5 LSB – VRT
where
•
Vmax is the voltage at which the transition to the maximum (full scale) code occurs
(1)
INTEGRAL NON-LINEARITY (INL) is a measure of the deviation of each individual code from a line drawn from
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com