Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5035CSQX/NOPB.B Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5035CSQX/NOPB.B
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5035CSQX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 12Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 13Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 14Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 15Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 16Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 17Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
14
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 High-Voltage Start-Up Regulator
The LM5035C contains an internal high-voltage start-up regulator that allows the input pin (VIN) to be connected
directly to a nominal 48-VDC input voltage. The regulator input can withstand transients up to 105 V. The
regulator output at VCC (7.6 V) is internally current-limited to a minimum of 58 mA. When the UVLO pin potential
is greater than 0.4 V, the VCC regulator is enabled to charge an external capacitor connected to the VCC pin.
The VCC regulator provides power to the voltage reference (REF) and the output driver (LO). When the voltage
on the VCC pin exceeds the UVLO threshold of 7.6 V, the internal voltage reference (REF) reaches its regulation
setpoint of 5 V and the UVLO voltage is greater than 1.25 V, the controller outputs are enabled. The value of the
VCC capacitor depends on the total system design, and its start-up characteristics. The recommended range of
values for the VCC capacitor is 0.1 µF to 100 µF.
The VCC undervoltage comparator threshold is lowered to 6.2 V (typical) after VCC reaches the regulation
setpoint. If VCC falls below this value, the outputs are disabled, and the soft-start capacitor is discharged. If VCC
increases above 7.6 V, the outputs will be enabled and a soft-start sequence will commence.
The internal power dissipation of the LM5035C can be reduced by powering VCC from an external supply. In
typical applications, an auxiliary transformer winding is connected through a diode to the VCC pin. This winding
must raise the VCC voltage above 8.3 V to shut off the internal start-up regulator. Powering VCC from an
auxiliary winding improves efficiency while reducing the controller’s power dissipation. The undervoltage
comparator circuit will still function in this mode, requiring that VCC never falls below 6.2 V during the start-up
sequence.
During a fault mode, when the converter auxiliary winding is inactive, external current draw on the VCC line
should be limited such that the power dissipated in the start-up regulator does not exceed the maximum power
dissipation of the IC package.
An external DC bias voltage can be used instead of the internal regulator by connecting the external bias voltage
to both the VCC and the VIN pins. The external bias must be greater than 8.3 V to exceed the VCC UVLO
threshold and less than the VCC maximum operating voltage rating (15 V).
8.3.2 Line Undervoltage Detector
The LM5035C contains a dual level undervoltage lockout (UVLO) circuit. When the UVLO pin voltage is below
0.4 V, the controller is in a low current shutdown mode. When the UVLO pin voltage is greater than 0.4 V but
less than 1.25 V, the controller is in standby mode. In standby mode the VCC and REF bias regulators are active
while the controller outputs are disabled. When the VCC and REF outputs exceed the VCC and REF
undervoltage thresholds and the UVLO pin voltage is greater than 1.25 V, the outputs are enabled and normal
operation begins. An external setpoint voltage divider from VIN to GND can be used to set the minimum
operating voltage of the converter. The divider must be designed such that the voltage at the UVLO pin will be
greater than 1.25 V when VIN enters the desired operating range. UVLO hysteresis is accomplished with an
internal 23-µA current sink that is switched ON or OFF into the impedance of the setpoint divider. When the
UVLO threshold is exceeded, the current sink is deactivated to quickly raise the voltage at the UVLO pin. When
the UVLO pin voltage falls below the 1.25-V threshold, the current sink is enabled causing the voltage at the
UVLO pin to quickly fall. The hysteresis of the 0.4-V shutdown comparator is internally fixed at 100 mV.
The UVLO pin can also be used to implement various remote enable and disable functions. See Soft Start for
more details.
8.3.3 Line Overvoltage, Load Overvoltage, and Remote Thermal Protection
The LM5035C provides a multipurpose OVP pin that supports several fault protection functions. When the OVP
pin voltage exceeds 1.25 V, the controller is held in standby mode, which immediately halts the PWM pulses at
the HO and LO pins. In standby mode, the VCC and REF bias regulators are active while the controller outputs
are disabled. When the OVP pin voltage falls below the 1.25-V OVP threshold, the outputs are enabled, and
normal soft-start sequence begins. Hysteresis is accomplished with an internal 23-µA current source that is
switched ON or OFF into the impedance of the OVP pin setpoint divider. When the OVP threshold is exceeded,
the current source is enabled to quickly raise the voltage at the OVP pin. When the OVP pin voltage falls below
the 1.25-V threshold, the current source is disabled causing the voltage at the OVP pin to quickly fall.
Several examples of the use of this pin are provided in Application Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com