Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5035CSQX/NOPB.B Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5035CSQX/NOPB.B
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB.B Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5035CSQX/NOPB.B Datasheet HTML 5Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 6Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 7Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 8Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 12Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
9
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, unless indicating that type applies over full operating junction
temperature range. VVIN = 48 V, VVCC = 10 V externally applied, RRT = 15 kΩ, RDLY = 27.4 kΩ, VUVLO = 3 V, VOVP = 0 V unless
otherwise stated. See
(1) and (2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE FEED-FORWARD (RAMP PIN)
RAMP comparator threshold
COMP current = 0
TJ = 25°C
2.5
V
TJ = –40°C to 125°C
2.4
2.6
SYNCHRONOUS RECTIFIER DRIVERS (SR1, SR2)
Output high voltage
IOUT = 5 mA, VREF - VSR1,
VREF - VSR2
TJ = 25°C
0.1
V
TJ = –40°C to 125°C
0.25
Output low voltage
IOUT = 10 mA (sink)
TJ = 25°C
0.08
V
TJ = –40°C to 125°C
0.2
Rise time
CLOAD = 1 nF
40
ns
Fall time
CLOAD = 1 nF
20
ns
Peak source current
VSR = 0
0.09
A
Peak sink current
VSR = VREF
0.2
A
T1
Dead time, SR1 falling to HO
rising, SR2 falling to LO rising
RDLY = 10 k
33
ns
RDLY = 27.4 k
TJ = 25°C
86
ns
TJ = –40°C to 125°C
68
120
RDLY = 100 k
300
ns
T2
Dead time, HO falling to SR1
rising, LO falling to SR2 rising
RDLY = 10 k
18
ns
RDLY = 27.4 k
TJ = 25°C
26
ns
TJ = –40°C to 125°C
15
39
RDLY = 100 k
80
ns
THERMAL SHUTDOWN
TSD
Shutdown temperature
165
°C
Hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com