Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5035CSQX/NOPB.B Datasheet(PDF) 18 Page - Texas Instruments

Part # LM5035CSQX/NOPB.B
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB.B Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5035CSQX/NOPB.B Datasheet HTML 14Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 15Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 16Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 17Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 18Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 19Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 20Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 21Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
RT =
x 6.25 x 10
9
1
FOSC
¨
©
§
- 110 ns
RFF x CFF =
TON (1 + 10%)
In 1-
2.5V
VIN
¨
©
§
-1
2.5
Ps + 0.25 Ps
In 1-
2.5V
48V
¨
©
§
-1
=
= 51.4
Ps
18
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Feature Description (continued)
In addition to the PWM comparator, a Volt • Second Clamp comparator also monitors the RAMP pin. If the ramp
amplitude exceeds the 2.5-V threshold of the Volt • Second Clamp comparator, the on-time is terminated. The
CFF ramp capacitor is discharged by an internal 32-Ω discharge MOSFET controlled by the V•S Clamp
comparator. If the RAMP signal does not exceed 2.5 V before the end of the clock period, then the internal clock
will enable the discharge MOSFET to reset capacitor CFF.
By proper selection of RFF and CFF values, the maximum on-time of HO and LO can be set to the desired
duration. The on-time set by the Volt • Second Clamp varies inversely to the line voltage because the RAMP
capacitor is charged by a resistor (RFF) connected to VIN while the threshold of the clamp is a fixed voltage
(2.5 V). An example will illustrate the use of the Volt • Second Clamp comparator to achieve a 50% duty cycle
limit at 200 kHz with a 48-V line input. A 50% duty cycle at a 200 kHz requires a 2.5-µs on-time. To achieve this
maximum on-time clamp level, use Equation 1.
(1)
The recommended capacitor value range for CFF is 100 pF to 1000 pF. 470 pF is a standard value that can be
paired with an 110 kΩ to approximate the desired 51.4-µs time constant. If load transient response is slowed by
the 10% margin, the RFF value can be increased. The system signal-to-noise will be slightly decreased by
increasing RFF × CFF.
8.3.10 Oscillator, Sync Capability
The LM5035C oscillator frequency is set by a single external resistor connected between the RT and AGND pins.
To set a desired oscillator frequency, the necessary RT resistor is calculated from Equation 2.
(2)
For example, if the desired oscillator frequency is 400 kHz (HO and LO each switching at 200 kHz) a 15-kΩ
resistor would be the nearest standard one percent value.
Each output (HO, LO, SR1 and SR2) switches at half the oscillator frequency. The voltage at the RT pin is
internally regulated to a nominal 2 V. The RT resistor should be located as close as possible to the IC, and
connected directly to the pins (RT and AGND). The tolerance of the external resistor, and the frequency
tolerance indicated in Electrical Characteristics, must be considered when determining the worst-case frequency
range.
The LM5035C can be synchronized to an external clock by applying a narrow pulse to the RT pin. The external
clock must be at least 10% higher than the free-running oscillator frequency set by the RT resistor. If the external
clock frequency is less than the RT resistor programmed frequency, the LM5035C will ignore the synchronizing
pulses. The synchronization pulse width at the RT pin must be a minimum of 15 ns wide. The clock signal should
be coupled into the RT pin through a 100-pF capacitor or a value small enough to ensure the pulse width at RT
is less than 60% of the clock period under all conditions. When the synchronizing pulse transitions low-to-high
(rising edge), the voltage at the RT pin must be driven to exceed 3.2 V from its nominal 2-VDC level. During the
clock signal’s low time, the voltage at the RT pin will be clamped at 2 VDC by an internal regulator. The output
impedance of the RT regulator is approximately 100 Ω. The RT resistor is always required, whether the oscillator
is free running or externally synchronized.
8.3.11 Gate Driver Outputs (HO and LO)
The LM5035C provides two alternating gate driver outputs: the floating high-side gate driver HO and the ground
referenced low-side driver LO. Each driver is capable of sourcing 1.25 A and sinking 2-A peak. The HO and LO
outputs operate in an alternating manner, at one-half the internal oscillator frequency. The LO driver is powered
directly by the VCC regulator. The HO gate driver is powered from a bootstrap capacitor connected between HB
and HS. An external diode connected between VCC (anode pin) and HB (cathode pin) provides the high-side
gate driver power by charging the bootstrap capacitor from VCC when the switch node (HS pin) is low. When the
high-side MOSFET is turned on, HB rises to a peak voltage equal to VVCC + VHS where VHS is the switch node
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com