Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5035CSQX/NOPB.B Datasheet(PDF) 27 Page - Texas Instruments

Part # LM5035CSQX/NOPB.B
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB.B Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM5035CSQX/NOPB.B Datasheet HTML 23Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 24Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 25Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 26Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 27Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 28Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 29Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 30Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
UVLO
LM5035C
Disable Output
Drivers
Disable VCC and REF
Regulators
OVP
STANDBY
R2
R1
R3
5V
1.25 V
0.4 V
1.25 V
23 µA
VPWR
23 µA
Copyright © 2016, Texas Instruments Incorporated
OVP
LM5035C
STANDBY
R2
R1
5V
1.25 V
23 PA
VPWR
Copyright © 2016, Texas Instruments Incorporated
UVLO
LM5035C
R2
R1
VPWR
0.4 V
1.25 V
23 PA
Disable VCC and REF
Regulators
Disable Output Drivers
Copyright © 2016, Texas Instruments Incorporated
27
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
For example, if the LM5035C is to be enabled when VPWR reaches 34 V, and disabled when VPWR is decreased
to 32 V, R1 should be 87 kΩ, and R2 should be 3.54 kΩ. The voltage at the UVLO pin should not exceed 7 V at
any time. Be sure to check both the power and voltage rating (0603 resistors can be rated as low as 50 V) for the
selected R1 resistor.
Figure 20. Basic UVLO Configuration
Figure 21. Basic Overvoltage Protection
Figure 22. UVLO and OVP Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com