Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5035CSQX/NOPB.B Datasheet(PDF) 33 Page - Texas Instruments

Part # LM5035CSQX/NOPB.B
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB.B Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM5035CSQX/NOPB.B Datasheet HTML 29Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 30Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 31Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 32Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 33Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 34Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 35Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 36Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
33
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
The LM5035C can be used to control power levels up to 500 W; therefore, the current levels can be
considerable. Care must be taken in choosing components with the correct current rating which includes:
magnetic components, power MOSFETS and diodes, connectors, and wire sizes. Input and output capacitors
must have the correct ripple current rating. TI recommends using a multilayer PCB with a copper area chosen to
ensure the LM5035C operates below the maximum junction temperature. Full power loading must never be
attempted without providing for adequate cooling.
11 Layout
11.1 Layout Guidelines
The LM5035C current sense and PWM comparators are very fast, and respond to short duration noise pulses.
The components at the CS, COMP, SS, OVP, UVLO, DLY and the RT pins should be as physically close as
possible to the IC, thereby minimizing noise pickup on the PC board tracks.
Layout considerations are critical for the current sense filter. If a current sense transformer is used, both leads of
the transformer secondary should be routed to the sense filter components and to the IC pins. The ground side
of the transformer should be connected through a dedicated PC board track to the AGND pin, rather than
through the ground plane.
If the current sense circuit employs a sense resistor in the drive transistor source, low inductance resistors
should be used. In this case, all the noise sensitive, low-current ground tracks should be connected in common
near the IC, and then a single connection made to the power ground (sense resistor ground point).
The gate drive outputs of the LM5035C should have short, direct paths to the power MOSFETs to minimize
inductance in the PC board traces. The SR control outputs should also have minimum routing distance through
the pulse transformers and through the secondary gate drivers to the sync FETs.
The two ground pins (AGND, PGND) must be connected together with a short, direct connection, to avoid jitter
due to relative ground bounce.
If the internal dissipation of the LM5035C produces high junction temperatures during normal operation, the use
of multiple vias under the IC to a ground plane can help conduct heat away from the IC. Judicious positioning of
the PC board within the end product, along with use of any available air flow (forced or natural convection) will
help reduce the junction temperatures. If using forced air cooling, avoid placing the LM5035C in the airflow
shadow of tall components, such as input capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com