Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5035CSQX/NOPB.B Datasheet(PDF) 28 Page - Texas Instruments

Part # LM5035CSQX/NOPB.B
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB.B Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM5035CSQX/NOPB.B Datasheet HTML 24Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 25Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 26Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 27Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 28Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 29Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 30Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 31Page - Texas Instruments LM5035CSQX/NOPB.B Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
1.25V x (R1 + RCOMBINED)
OVPoff
R3 =
RCOMBINED =
1.25V x R1
UVLOoff ± 1.25V
R1 =
UVLOon - UVLOoff
23 PA
UVLO
LM5035C
VPWR
STANDBY
OFF
OFF
STANDBY
1.25 V
0.4 V
23 PA
R2
R1
Copyright © 2016, Texas Instruments Incorporated
OVPoff = 1.25V x
R1 + R2 + R3
R3
¨
¨
©
§
UVLOoff = 1.25V x
R1 + R2 + R3
R2 + R3
¨
¨
©
§
28
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
The impedance seen looking into the resistor divider from the UVLO and OVP pins determines the hysteresis
level. UVLO and OVP enable and disable thresholds are calculated using the equations in the table below for the
three-resistor divider illustrated in Figure 22.
Table 2. UVO/OVP Divider Formulas
DESCRIPTION
FORMULA
Outputs disabled due to VIN falling below UVLO threshold
(11)
Outputs enabled due to VIN rising above UVLO threshold
UVLOon = UVLOoff + (23 µA × R1)
Outputs disabled due to VIN rising above OVP threshold
(12)
Outputs enabled due to VIN falling below OVP threshold
OVPon = OVPoff - [23 µA × (R1 + R2)]
The typical operating ranges of undervoltage and overvoltage thresholds are calculated from the above
equations. For example, for resistor values R1 = 86.6 kΩ, R2 = 2.10 kΩ and R3 = 1.40 kΩ the computed
thresholds are:
•
UVLO turnoff = 32.2 V
•
UVLO turnon = 34.2 V
•
OVP turnon = 78.4 V
•
OVP turnoff = 80.5 V
Figure 23. Remote Standby and Disable Control
To maintain the threshold’s accuracy, TI recommends a resistor tolerance of 1% or better.
The design process starts with the choice of the voltage difference between the UVLO enabling and disabling
thresholds. This will also approximately set the difference between OVP enabling and disabling regulation:
(13)
Next, the combined resistance of R2 and R3 is calculated by choosing the threshold for the UVLO disabling
threshold:
(14)
Then R3 is determined by selecting the OVP disabling threshold:
(15)
Finally, R3 is subtracted from RCOMBINED to give R2:
R2 = RCOMBINED - R3
(16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com