Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6559MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH6559MA/NOPB
Description  LMH6559 High-Speed, Closed-Loop Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6559MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6559MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
0
10
20
30
40
50
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
TIME (ns)
VPULSE = 1VPP
RL = 100:
0
5
10
15
20
25
30
35
TIME (ns)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
VPULSE = 0.5VPP
VS = 10V
VS = 3V
VS = 5V
VS = 3V
RL = 100:
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
70
80
90
VSUPPLY (V)
125°C
85°C
-40°C
25°C
VOUT = VSUPPLY/2
VIN = VOUT - 0.5V
3
4
5
6
7
8
9
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
VSUPPLY (V)
-40°C
25°C
125°C
85°C
VOUT = VSUPPLY/2
VIN = VOUT +0.5V
0
20
40
60
80
100
-4.5
-4
-.35
-3
-2.5
-2
-1.5
-1
-0.5
0
ISINK (mA)
VS = ±5V
VIN = -4V
25°C
-40°C
85°C
125°C
0
-20
-40
-60
-80
-100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
ISOURCE (mA)
VS = ±5V
VIN = +4V
25°C
-40°C
85°C
125°C
LMH6559
www.ti.com
SNOSA57C – APRIL 2003 – REVISED MARCH 2013
Typical Performance Charac teristics (continued)
At TJ = 25°C; V
+ = +5V; V− = −5V; Unless otherwise specified.
VOUT vs. IOUT Sinking
VOUT vs. IOUT Sourcing
Figure 28.
Figure 29.
IO Sinking vs. VSUPPLY
IO Sourcing vs. VSUPPLY
Figure 30.
Figure 31.
Small Signal Pulse Response
Large Signal Pulse Response @ VS = 3V
Figure 32.
Figure 33.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6559



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com