Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6559MA/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LMH6559MA/NOPB
Description  LMH6559 High-Speed, Closed-Loop Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6559MA/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMH6559MA/NOPB Datasheet HTML 20Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 21Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 22Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 23Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 24Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 25Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 26Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 27Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
V
+
GND
1M
10M
100M
1G
10G
FREQUENCY (Hz)
3.5
3.6
3.7
3.8
3.9
4.5
4.6
4.7
4.8
4.9
5.0
4.4
4.3
4.2
4.1
4.0
RESIN = 40%
RESIN = 45%
RESIN = 55%
RESIN = 60%
RESIN = 50%
LMH6559
SNOSA57C – APRIL 2003 – REVISED MARCH 2013
www.ti.com
Figure 49.
Routing Power Traces
Power line traces routed over a pcb should be kept together for best practice. If not a ground loop will occur
which may cause more sensitivity to radiation. Also additional ground trace length may lead to more ringing on
digital signals. Careful attention to power line distribution leads to improved overall circuit performance. This is
especially valid for analog circuits which are more sensitive to spurious noise and other unwanted signals.
Figure 50.
As demonstrated in Figure 50 the power lines are routed from both sides on the pcb. In this case a current loop
is created as indicated by the dotted line. This loop can act as an antenna for high frequency signals which
makes the circuit sensitive to RF radiation. A better way to route the power traces can be seen in the following
setup. (see Figure 51)
24
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6559



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com