Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6559MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6559MA/NOPB
Description  LMH6559 High-Speed, Closed-Loop Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6559MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6559MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LMH6559
VCC
50:
10nF
100nF
100nF
10k:
1
8
5
4
50:
10k:
LMH6559
www.ti.com
SNOSA57C – APRIL 2003 – REVISED MARCH 2013
LMH6559 High-Speed, Closed-Loop Buffer
Check for Samples: LMH6559
1
FEATURES
DESCRIPTION
The LMH6559 is a high-speed, closed-loop buffer
2
•
Closed-Loop Buffer
designed for applications requiring the processing of
•
1750MHz Small Signal Bandwidth
very high frequency signals. While offering a small
•
4580V/
μs Slew Rate
signal bandwidth of 1750MHz, and an ultra high slew
rate of 4580V/
μs the LMH6559 consumes only 10mA
•
0.06% / 0.02° Differential Gain/Phase
of quiescent current. Total harmonic distortion into a
•
−52dBc THD at 20MHz
load of 100
Ω at 20MHz is −52dBc. The LMH6559 is
•
Single Supply Operation (3V Min.)
configured internally for a loop gain of one. Input
resistance is 200k
Ω and output resistance is but
•
75mA Output Current
1.2
Ω. These characteristics make the LMH6559 an
ideal choice for the distribution of high frequency
APPLICATIONS
signals on printed circuit boards. Differential gain and
•
Video Switching and Routing
phase specifications of 0.06% and 0.02° respectively
at 3.58MHz make the LMH6559 well suited for the
•
Test Point Drivers
buffering of video signals.
•
High Frequency Active Filters
The device is fabricated on Texas Instruments' high-
•
Wideband DC Clamping Buffers
speed
VIP10
process
using
TI's
proven
high
•
High-Speed Peak Detector Circuits
performance circuit architectures.
•
Transmission Systems
•
Telecommunications
•
Test Equipment and Instrumentation
Typical Schematic
Figure 1.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6559MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6559MA/NOPB TI1-LMH6559MA/NOPB Datasheet
1Mb / 36P
High-Speed, Closed-Loop Buffer
More results

Similar Description - LMH6559MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
Closed-Loop High Speed Buffer
07-Mar-2093
logo
National Semiconductor ...
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
Dual, High Speed, Low Power, Video Closed Loop Buffer
June 1994
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
Quad, High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
Closed-Loop High Speed Buffer
REV. 0
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
High-Speed, Closed-Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com