Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6559MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH6559MA/NOPB
Description  LMH6559 High-Speed, Closed-Loop Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6559MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMH6559MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LMH6559
SNOSA57C – APRIL 2003 – REVISED MARCH 2013
www.ti.com
±5V Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = +5V, V− = −5V, V
O = VCM = 0V and RL = 100Ω to 0V.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
Static, DC Performance
ACL
Small Signal Voltage Gain
VO = 100mVPP
.97
.996
RL = 100Ω to 0V
V/V
VO = 100mVPP
.99
.998
RL = 2kΩ to 0V
VOS
Input Offset Voltage
3
20
mV
25
TC VOS
Temperature Coefficient Input Offset
See(4)
23
μV/°C
Voltage
IB
Input Bias Current
See(5)
−10
−3
μA
−14
TC IB
Temperature Coefficient Input Bias
See(4)
−3.6
nA/°C
Current
ROUT
Output Resistance
RL = 100Ω to 0V, f = 100kHz
1.2
Ω
RL = 100Ω to 0V, f = 10MHz
1.3
PSRR
Power Supply Rejection Ratio
VS = ±5V to VS = ±5.25V
48
63
dB
44
IS
Supply Current
No Load
10
14
mA
17
Miscellaneous Performance
RIN
Input Resistance
200
k
Ω
CIN
Input Capacitance
1.7
pF
VO
Output Swing Positive
RL = 100Ω to 0V
3.20
3.45
3.18
V
RL = 2kΩ to 0V
3.55
3.65
3.54
Output Swing Negative
RL = 100Ω to 0V
−3.45
−3.20
−3.18
V
RL = 2kΩ to 0V
−3.65
−3.55
−3.54
ISC
Output Short Circuit Current
Sourcing: VIN = +VS, VO = 0V
−83
mA
Sinking: VIN = −VS, VO = 0V
83
IO
Linear Output Current
Sourcing: VIN - VO = 0.5V
(5)
−50
−74
−43
mA
Sinking: VIN - VO = −0.5V
(5)
50
74
43
(4)
Average Temperature Coefficient is determined by dividing the change in a parameter at temperature extremes by the total temperature
change.
(5)
Positive current corresponds to current flowing into the device.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6559



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com