Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6559MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMH6559MA/NOPB
Description  LMH6559 High-Speed, Closed-Loop Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6559MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMH6559MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 17Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
0
10
20
30
40
50
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
TIME (ns)
VPULSE = 2.3VPP
RL = 100:
0
10
20
30
40
50
-2.5
-2.0
-1.5
-1.0
0.5
1.0
1.5
2.0
TIME (ns)
0
-0.5
VPULSE = 3.3VPP
RL = 100:
LMH6559
SNOSA57C – APRIL 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Charac teristics (continued)
At TJ = 25°C; V
+ = +5V; V− = −5V; Unless otherwise specified.
Large Signal Pulse Response @ VS = 5V
Large Signal Pulse Response @ VS = 10V
Figure 34.
Figure 35.
14
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6559



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com