Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6559MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH6559MA/NOPB
Description  LMH6559 High-Speed, Closed-Loop Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6559MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6559MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6559MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LMH6559
SNOSA57C – APRIL 2003 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3)
Human Body Model
2000V
Machine Model
200V
Output Short Circuit Duration
See(4),(5) and (6)
Supply Voltage (V+ – V−)
13V
Voltage at Input/Output Pins
V+ +0.8V, V−
−0.8V
Soldering Information
Infrared or Convection (20 sec.)
235°C
Wave Soldering (10 sec.)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
(1)
Absolute Maximum Ratings are those values beyond which the safety of the device cannot be ensured. They are not meant to imply that
the devices should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC). Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(5)
Short circuit test is a momentary test.
(6)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) – TA) / θJA. All numbers apply for packages soldered directly onto a PC board.
Operating Ratings
(1)
Supply Voltage (V+ - V−)
3 - 10V
Temperature Range(2)(3)
−40°C to +85°C
Package Thermal Resistance(2)(3)
8-Pin SOIC
172°C/W
5-Pin SOT-23
235°C/W
(1)
Absolute Maximum Ratings are those values beyond which the safety of the device cannot be ensured. They are not meant to imply that
the devices should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) – TA) / θJA. All numbers apply for packages soldered directly onto a PC board.
(3)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. There is no specification of parametric performance as indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. See Applications section for information on temperature de-rating of this
device.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6559



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com