Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMPR Datasheet(PDF) 18 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 14Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 15Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 16Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 17Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 18Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 19Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 20Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 21Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 135 page
background image
Frequency (MHz)
0
250
500
750
1000
1250
-120
-100
-80
-60
-40
-20
0
D042
Frequency of Signal on Supply (MHz)
0.02
0.1
1
10
100
500
10
20
30
40
50
60
D041
PSRR with 50-mVpp Signal on AVDD
PSRR with 50-mVpp Signal on AVDD19
Input Clock Duty Cycle (%)
40
45
50
55
60
54
58
55
59
56
60
57
61
58
62
59
63
D039
SNR
SFDR
Frequency (MHz)
0
250
500
750
1000
1250
-120
-100
-80
-60
-40
-20
0
D040
Differential Clock Amplitude (Vpp)
0.5
0.9
1.3
1.7
2.1
2.5
52
52.5
53
55
54
57.5
55
60
56
62.5
57
65
D037
SNR
SFDR
Input Clock Duty Cycle (%)
40
45
50
55
60
56
65
57
67.5
58
70
59
72.5
60
75
61
77.5
62
80
D038
SNR
SFDR
18
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2.6 GHz, 50% clock duty cycle, AVDD19 = 1.9 V, AVDD =
1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise noted)
fIN = 3.5 GHz, AIN = –3 dBFS with 2-dB digital gain,
ADC sampling rate = 2.5 GHz
Figure 39. Performance vs Clock Amplitude
fIN = 1.85 GHz,
ADC sampling rate = 2.5 GHz
Figure 40. Performance vs Clock Duty Cycle
fIN = 3.5 GHz, AIN = –3 dBFS with 2-dB digital gain,
ADC sampling rate = 2.5 GHz
Figure 41. Performance vs Clock Duty Cycle
fIN = 1.85 GHz, AIN = –2 dBFS, fPSRR = 7.5 MHz,
APSRR = 50 mVPP, AVDD = 1.9 V, PSRR = 20 dB,
ADC sampling rate = 2.5 GHz
Figure 42. Power-Supply Rejection Ratio FFT for Test Signal
on AVDD Supply
ADC sampling rate = 2.5 GHz
Figure 43. Power-Supply Rejection Ratio vs Supplies
fIN = 1.85 GHz, AIN = –2 dBFS, fCMRR = 10 MHz,
ACSRR = 50 mVPP, CMRR = 28 dB,
ADC sampling rate = 2.5 GHz
Figure 44. Common-Mode Rejection Ratio FFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com