Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMPR Datasheet(PDF) 100 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 100 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 96Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 97Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 98Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 99Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 100Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 101Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 102Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 103Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 135 page
background image
100
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.5.12.18 Register 016h (address = 016h), Decimation Filter Page
Figure 182. Register 016h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
DDC1 6DB GAIN
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 90. Register 016h Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
W
0h
Must write 0
0
DDC1 6DB GAIN
R/W
0h
This bit scales the output of DDC0 by 2 (6 dB) to compensate
for real-to-complex conversion and image suppression. This
scaling does not apply to the high-bandwidth filter path (divide-
by-4 and -6); see register 1Fh.
0 = Normal operation
1 = 6-dB digital gain is added
9.5.12.19 Register 01Eh (address = 01Eh), Decimation Filter Page
Figure 183. Register 01Eh
7
6
5
4
3
2
1
0
0
DDC DET LAT
0
0
0
0
W-0h
R/W-0h
W-0h
W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 91. Register 01Eh Field Descriptions
Bit
Field
Type
Reset
Description
7
0
W
0h
Must write 0
6-4
DDC DET LAT
R/W
0h
These bits ensure deterministic latency depending on the decimation setting
used; see Table 92.
3-0
0
W
0h
Must write 0
Table 92. DDC DET LAT Bit Settings
SETTING
COMPLEX DECIMATION SETTING
10h
Divide-by-24, -32 complex
20h
Divide-by-16, -18, -20 complex
40h
Divide-by-by 6, -12 complex
50h
Divide-by-4, -8, -9, -10 complex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com