Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMPR Datasheet(PDF) 48 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 48 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 44Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 45Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 46Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 47Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 48Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 49Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 50Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 51Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 135 page
background image
JESD204B Long
Transport Layer
Test Pattern
Data Mapping
Frame
Construction
8b, 10b
Encoding
JESD204B
Link Layer
Test Pattern
Serializer
ADC Section
Transport Layer
Link Layer
PHY Layer
Interleaving
Engine
Digital Block
ADC
Scrambler
1 + x
14 + x15
12-bit
RAMP
Test
Patterns
Decimation
Filter Block
DDC
To GPIO
AGC Pins
OUTSEL GPIO[4:1]
IIR PK DET0 [2]
IIR PK DET1 [2]
BLKPKDETH [1]
BLKPKDETL [1]
FOVR
PWR DET [2]
48
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.3.8.4 GPIO AGC MUX
The GPIO pins can be used to control the NCO in wideband DDC mode or as alarm outputs for channel A and B.
The GPIO pins can be configured through the SPI control to output the alarm from the peak power (1 bit),
crossing detector (1 or 2 bit), faster overrange, or the RMS power output, as shown in Figure 108.
The programmable output MUX allows connecting any signal (including the NCO control) to any of the four GPIO
pins. These pins can be configured as outputs (AGC alarm) or inputs (NCO control) through SPI programming.
Figure 108. GPIO Output MUX Implementation
9.3.9 Power-Down Mode
The ADC32RF44 provides a lot of configurability for the power-down mode. Power-down can be enabled using
the PDN pin or the SPI register writes.
9.3.10 ADC Test Pattern
The ADC32RF44 provides several different options to output test patterns instead of the actual output data of the
ADC in order to simplify the serial interface and system debug of the JESD204B digital interface link. The output
data path is shown in Figure 109.
Figure 109. Test Pattern Generator Implementation
9.3.10.1 Digital Block
The ADC test pattern replaces the actual output data of the ADC. The test patterns listed in Table 11 are
available when the DDC is enabled and located in register 37h of the decimation filter page. When programmed,
the test patterns are output for each converter (M) stream. The number of converter streams per channel
increases by 2 when complex (I, Q) output or dual-band DDC is selected. The test patterns can be synchronized
for both ADC channels using the SYSREF signal.
Additionally, a 12-bit ramp test pattern is available in DDC bypass mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com