Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMPR Datasheet(PDF) 93 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 93 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 89Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 90Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 91Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 92Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 93Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 94Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 95Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 96Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 135 page
background image
93
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.5.11.12 Register 03Eh (address = 03Eh), JESD Digital Page
Figure 164. Register 03Eh
7
6
5
4
3
2
1
0
0
MASK CLKDIV SYSREF
MASK NCO SYSREF
0
0
0
0
0
W-0h
R/W-0h
R/W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 72. Register 03Eh Field Descriptions
Bit
Field
Type
Reset
Description
7
0
W
0h
Must write 0
6
MASK CLKDIV SYSREF
R/W
0h
Use this bit to mask the SYSREF going to the input clock
divider.
0 = Input clock divider is reset when SYSREF is asserted (that
is, when SYSREF transitions from low to high)
1 = Input clock divider ignores SYSREF assertions
5
MASK NCO SYSREF
R/W
0h
Use this bit to mask the SYSREF going to the NCO in the DDC
block and LMFC counter of the JESD interface.
0 = NCO phase and LMFC counter are reset when SYSREF is
asserted (that is, when SYSREF transitions from low to high)
1 = NCO and LMFC counter ignore SYSREF assertions
4-0
0
W
0h
Must write 0
9.5.12 Decimation Filter Page
Direct Addressing, 16-Bit Address, 5000h for Channel A, 5800h for Channel B
9.5.12.1 Register 000h (address = 000h), Decimation Filter Page
Figure 165. Register 000h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
DDC EN
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 73. Register 000h Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
W
0h
Must write 0
0
DDC EN
R/W
0h
This bit enables the decimation filter and disables the bypass
mode.
0 = Bypass mode (DDC disabled)
1 = Decimation filter enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com