Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMPR Datasheet(PDF) 51 Page - Texas Instruments

Part # ADC32RF44IRMPR
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 51 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 47Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 48Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 49Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 50Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 51Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 52Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 53Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 54Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 135 page
background image
SYNCb
SYSREF
LMFC Clock
LMFC Boundary
xxx
Transmit Data
K28.5
K28.5
ILA
ILA
DATA
DATA
Multi
Frame
Code Group
Synchronization
Initial Lane Alignment
Data Transmission
Test Patterns
Transport Layer
Scrambler
1+x
14+x15
Comma Characters
Initial Lane
Alignment
Link Layer
JESD204B Block
D[3:0]
SYNCB
Frame Data
Mapping
Copyright © 2016, Texas Instruments Incorporated
8b, 10b
Encoding
51
ADC32RF44
www.ti.com
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
The JESD204B transmitter block consists of the transport layer, the data scrambler, and the link layer, as shown
in Figure 111. The transport layer maps the ADC output data into the selected JESD204B frame data format and
manages if the ADC output data or test patterns are transmitted. The link layer performs the 8b, 10b data
encoding as well as the synchronization and initial lane alignment using the SYNC input signal. Optionally, data
from the transport layer can be scrambled.
Figure 111. JESD Digital Block Implementation
9.4.2.1 JESD204B Initial Lane Alignment (ILA)
The receiving device starts the initial lane alignment process by deasserting the SYNCB signal. The SYNCB
signal can be issued using the SYNCB input pins or by setting the proper SPI bits. When a logic low is detected
on the SYNCB input, the ADC32RF44 starts transmitting comma (K28.5) characters to establish the code group
synchronization, as shown in Figure 112.
When synchronization completes, the receiving device reasserts the SYNCB signal and the ADC32RF44 starts
the initial lane alignment sequence with the next local multiframe clock boundary. The ADC32RF44 transmits
four multiframes, each containing K frames (K is SPI programmable). Each of the multiframes contains the frame
start and end symbols. The second multiframe also contains the JESD204 link configuration data.
Figure 112. JESD Internal Timing Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com