Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2ASPDFZCZRQ1 Datasheet(PDF) 144 Page - Texas Instruments

Part # AM263P2ASPDFZCZRQ1
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2ASPDFZCZRQ1 Datasheet(HTML) 144 Page - Texas Instruments

Back Button AM263P2ASPDFZCZRQ1 Datasheet HTML 140Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 141Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 142Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 143Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 144Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 145Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 146Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 147Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 168 page
background image
6.11.5.14 Sigma Delta Filter Module (SDFM)
For more information, see Sigma Delta Filter Module section in the device TRM.
6.11.5.14.1 SDFM Timing Conditions
PARAMETER
MODE
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
Mode 0
0.5
5
V/ns
6.11.5.14.2 SDFM Switching Characteristics
(2)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
M0-1
tc(SDC)
Cycle time, SDx_Cy
Mode 0
5P(1)
256P(1)
ns
M0-2
tw(SDCHL)
Pulse duration, SDx_Cy (high/low)
Mode 0
2P(1)
ns
M0-3
tsh(SDDV-SDCH)
Setup time, SDx_Dy valid before
SDx_Cy high
Mode 0
2P(1)
ns
M0-4
th(SDCH-SDD)
Hold time, SDx_Dy wait after SDx_Cy
high
Mode 0
2P(1)
ns
(1)
P = SYSCLK period in ns.
(2)
Some SDFM signals are pinmuxed with I2C0 SDA and SCL pins. These pins use an alternate open drain voltage buffer and may not
meet the specified parameters. Values are pending additional post-silicon validation.
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
www.ti.com
144
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com