Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2ASPDFZCZRQ1 Datasheet(PDF) 148 Page - Texas Instruments

Part # AM263P2ASPDFZCZRQ1
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2ASPDFZCZRQ1 Datasheet(HTML) 148 Page - Texas Instruments

Back Button AM263P2ASPDFZCZRQ1 Datasheet HTML 144Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 145Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 146Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 147Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 148Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 149Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 150Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 151Page - Texas Instruments AM263P2ASPDFZCZRQ1 Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 168 page
background image
7 Detailed Description
7.1 Overview
The AM263Px Sitara Arm® Microcontrollers are built to meet the complex real-time processing and control
needs of next generation industrial and automotive embedded projects. AM263Px uniquely combines advanced
computing with industry leading real-time control peripherals to meet the growing performance needs of
applications such as HEV/EV (traction inverters, on-board chargers, and DC-DC converters), motor drives,
renewable energy, energy storage, and other general real-time constrained systems. AM263Px combines up to
four Cortex-R5F MCUs, a real-time control subsystem (CONTROLSS), a Hardware Security Module (HSM), and
one instance of Sitara’s PRU-ICSS, making AM263Px designed for advanced motor control and digital power
control applications.
The multiple R5F cores are arranged in cluster with 256KB of shared tightly coupled memory (TCM) along
with 3MB of shared SRAM. The multiple Arm® cores can be optionally programmed to run in lock-step option
for different functional safety configurations. Extensive ECC is included on on-chip memory, peripherals, and
interconnect for enhanced reliability. Cryptographic acceleration and secure boot are also available on AM263Px
devices in addition to granular firewalls managed by the HSM for developers to design the most secure systems.
The Real-Time Control Subsystem (CONTROLSS) is a revolutionary subsystem integrated into the device.
CONTROLSS contains multiple digital and analog control peripherals including: ADC, CMPSS, EPWM, ECAP,
and EQEP, among others to enable efficient execution of critical sense/process/actuate real-time signal chain
control loops. The integrated crossbar (XBAR) infrastructure enables flexible configuration and routing of
external signals to internal ports and internal signals to external pins.
The PRU-ICSS in AM263Px provides the flexible industrial communications capability necessary to run
EtherCAT®, PROFINET®, Ethernet/IP™, or for standard Ethernet connectivity and custom I/O interfacing. The
PRU also enables additional interfaces in the SoC including sigma delta decimation filters and absolute encoder
interfaces. The CPSW interface also provides two standard Ethernet ports.
TI provides a complete set of microcontroller software and development tools for the AM263Px family of
microcontrollers in addition to multiple pin-to-pin compatible devices for scalability and ease of use.
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
www.ti.com
148
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com