Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB89R118C Datasheet(PDF) 29 Page - RAMXEED LIMITED

Part # MB89R118C
Description  FeRAM Embedded High-speed RFID LSI
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R118C Datasheet(HTML) 29 Page - RAMXEED LIMITED

Back Button MB89R118C Datasheet HTML 25Page - RAMXEED LIMITED MB89R118C Datasheet HTML 26Page - RAMXEED LIMITED MB89R118C Datasheet HTML 27Page - RAMXEED LIMITED MB89R118C Datasheet HTML 28Page - RAMXEED LIMITED MB89R118C Datasheet HTML 29Page - RAMXEED LIMITED MB89R118C Datasheet HTML 30Page - RAMXEED LIMITED MB89R118C Datasheet HTML 31Page - RAMXEED LIMITED MB89R118C Datasheet HTML 32Page - RAMXEED LIMITED MB89R118C Datasheet HTML 33Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
MB89R118C
DS411-00001-6v0-E
29
2-9. Lock AFI command
On receiving the Lock AFI command, the transponder locks (write disable) permanently the data of AFI.
The transponder performs verification after writing and returns an error code if the writing has failed.
If the Option_flag (bit 7) is “0”, the transponder shall return its response when it has completed the lock
operation starting after “t1nom (320.9 s) + a multiple of 4096/fc (302.1 s)” with total tolerance of 32/fc
(2.4 s) and latest within 20 ms. If it is “1”, transponder shall wait for the reception of an EOF from the reader/
writer and upon such reception still return its response (However, if an EOF is not sent within 38 ms, the
time-out occurs and the transponder can receive another command) .
Once the Lock AFI command has been received, the data of AFI cannot be changed by the Write AFI
command.
Request
[Request from the reader/writer to the transponder]
Response
[Response from the transponder to the reader/writer]
(1) When Error_flag set
(2) When Error_flag not set
2-10. Write DSFID command
On receiving the Write DSFID command, the transponder writes the data of DSFID to FeRAM.
The transponder performs verification after writing and returns an error code if the writing has failed.
If the Option_flag (bit 7) is “0”, the transponder shall return its response when it has completed the write
operation starting after “t1nom (320.9 s) + a multiple of 4096/fc (302.1 s)” with total tolerance of  32/fc
(2.4 s) and latest within 20 ms. If it is “1”, transponder shall wait for the reception of an EOF from the reader/
writer and upon such reception still return its response (However, if an EOF is not sent within 38 ms, the
time-out occurs and the transponder can receive another command) .
Request
[Request from the reader/writer to the transponder]
SOF
Flag
Command (Lock AFI) UID (Addressed mode)
CRC
EOF
8 bits
8 bits (“28H”)
64 bits
16 bits
SOF
Flag
Error code
CRC
EOF
8 bits (“01H”)
8 bits
16 bits
SOF
Flag
CRC
EOF
8 bits (“00H”)
16 bits
SOF
Flag
Command (Write DSFID) UID (Addressed mode)
DSFID
CRC
EOF
8 bits
8 bits (“29H”)
64 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com