Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB89R118C Datasheet(PDF) 14 Page - RAMXEED LIMITED

Part # MB89R118C
Description  FeRAM Embedded High-speed RFID LSI
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R118C Datasheet(HTML) 14 Page - RAMXEED LIMITED

Back Button MB89R118C Datasheet HTML 10Page - RAMXEED LIMITED MB89R118C Datasheet HTML 11Page - RAMXEED LIMITED MB89R118C Datasheet HTML 12Page - RAMXEED LIMITED MB89R118C Datasheet HTML 13Page - RAMXEED LIMITED MB89R118C Datasheet HTML 14Page - RAMXEED LIMITED MB89R118C Datasheet HTML 15Page - RAMXEED LIMITED MB89R118C Datasheet HTML 16Page - RAMXEED LIMITED MB89R118C Datasheet HTML 17Page - RAMXEED LIMITED MB89R118C Datasheet HTML 18Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
MB89R118C
14
DS411-00001-6v0-E
7. Response Format
The following figure shows a typical example of the response data format, and the following table shows the
definition of the response flag and error codes.
If the Error_flag is set to “1”, an error code field is generated in the response. If the Error_flag is set to “0”,
this means no error, and If the Error_flag is set to “1”, this means any error generation.
Response flag definitions
* : Reserved for future use
Error code definitions
Bit
Flag name
1/0
Description
1
Error_flag
0
Error not found
1
Error found
2
RFU*
0
Set to “0”
3
RFU*
0
Set to “0”
4
Extension_flag
0
Set to “0”
5
RFU*
0
Set to “0”
6
RFU*
0
Set to “0”
7
RFU*
0
Set to “0”
8
RFU*
0
Set to “0”
Error code
Meaning
“01”
The specific command is not supported. Example: Command code error
“02”
Cannot recognize the command. The number of blocks is over the limit. Example: Format error
“03”
Specific options are not supported.
“0F”
Other errors
“10”
The specified block cannot be used (or was not found).
“11”
The specified block has already been locked and cannot be locked again.
“12”
The specified block has already been locked, and its contents cannot be updated.
“13”
The specified block could not be programmed normally (a write verify error occurred).
“14”
The specified block could not be locked normally (a lock verify error occurred) .
Others
Unused.
SOF
CRC
EOF
Flag
Parameter
Data
Structure of the response frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com