Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB89R118C Datasheet(PDF) 20 Page - RAMXEED LIMITED

Part # MB89R118C
Description  FeRAM Embedded High-speed RFID LSI
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R118C Datasheet(HTML) 20 Page - RAMXEED LIMITED

Back Button MB89R118C Datasheet HTML 16Page - RAMXEED LIMITED MB89R118C Datasheet HTML 17Page - RAMXEED LIMITED MB89R118C Datasheet HTML 18Page - RAMXEED LIMITED MB89R118C Datasheet HTML 19Page - RAMXEED LIMITED MB89R118C Datasheet HTML 20Page - RAMXEED LIMITED MB89R118C Datasheet HTML 21Page - RAMXEED LIMITED MB89R118C Datasheet HTML 22Page - RAMXEED LIMITED MB89R118C Datasheet HTML 23Page - RAMXEED LIMITED MB89R118C Datasheet HTML 24Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
MB89R118C
20
DS411-00001-6v0-E
12. Timing definitions
(1) Period during which the MB89R118C waits for the start of response transmission after an EOF
signal transmitted from the reader/writer : t1_a
After detection of an EOF signal sent from the reader/writer, MB89R118C must wait for a certain time (t1_a)
before sending a response to the reader/writer. t1_a begins at the rising edge of the EOF pulse, and it is
defined as follows. The minimum value is 4320/fc (318.6 s), the nominal value is 4352/fc (320.9 s), and
the maximum value is 4384/fc (323.3 s).
Even if the 10 ASK modulated signal from the reader/writer is detected within the time t1_a, the transponder
ignore the signal and wait for further time t1_a before starting to transmit.
(2) Period during which the MB89R118C ignores modulated signals after an EOF signal transmitted
from the reader/writer : tmit
After detection of an EOF signal sent from the reader/writer, MB89R118C must ignore the 10 ASK mod-
ulated signals from the reader/writer for a time (tmit).
tmit begins at the rising edge of the EOF pulse. The minimum value of tmit is defined as 4384/fc (323.3 s)
tnrt.
In the above expression, tnrt stands for the response time of MB89R118C.
(3) Period during which the reader/writer waits before sending a request : t2_a
When the reader/writer has received a response from the transponder to a previous request other than
Inventory and Stay Quiet command, it shall wait a time t2_a before sending a subsequent request. The
minimum value of t2_a is 309.2 s. It is defined in ISO/IEC 15693-3. And ISO/IEC 18000-3 (Mode 1) .
(4) Period during which the reader/writer waits before sending a request during execution of the In-
ventory command : t2inv
While an Inventory command is being executed, the reader/writer sends an EOF signal when it shifts to the
nextslot. In this case, the wait time is defined as follows depending on whether transponders return responses :
- Wait time applied when the reader/writer has received one or more responses : t2invwr
It is defined in ISO/IEC 15693-3. And ISO/IEC 18000-3 (Mode 1) that when the reader/writer has received
one or more responses, the reader/writer must wait until responses from the transponders have been
completed (that is, the reader/writer receives an EOF signal or tnrt passes). After that, the reader/writer
must wait until t2_a passes before sending an EOF signal to switch to the next slot.
- Wait time applied when the reader/writer has not received any responses : t3_a
When the reader/writer has not received any responses from the MB89R118C, the reader/writer must
wait until t3_a passes before sending an EOF signal. In this case, t3_a begins at the rising edge of the
EOF pulse that was sent previously. The minimum value of t3_a is defined as shown in the following table.
MB89R118C does not support the minimum value of t3_a as “4384/fc (323.3 s) + tsof” when the reader/
writer sends a 100% modulated EOF, which is defined in ISO/IEC 15693-3 and ISO/IEC 18000-3 (Mode 1).
(a) If the reader/writer sends a ASK10% modulated EOF, the minimum value of t3_a (ASK10%) is “4384/
fc (323.3 s  tnrt')
(b) If the reader/writer sends a ASK100% modulated EOF, the minimum value of t3_a (ASK100%) is
“4384/fc (323.3 s  tsof')
tnrt: The nominal response time of transponder
tsof: The time for transponder to transmit a SOF to the reader/writer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com