Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB89R118C Datasheet(PDF) 3 Page - RAMXEED LIMITED

Part # MB89R118C
Description  FeRAM Embedded High-speed RFID LSI
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R118C Datasheet(HTML) 3 Page - RAMXEED LIMITED

  MB89R118C Datasheet HTML 1Page - RAMXEED LIMITED MB89R118C Datasheet HTML 2Page - RAMXEED LIMITED MB89R118C Datasheet HTML 3Page - RAMXEED LIMITED MB89R118C Datasheet HTML 4Page - RAMXEED LIMITED MB89R118C Datasheet HTML 5Page - RAMXEED LIMITED MB89R118C Datasheet HTML 6Page - RAMXEED LIMITED MB89R118C Datasheet HTML 7Page - RAMXEED LIMITED MB89R118C Datasheet HTML 8Page - RAMXEED LIMITED MB89R118C Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
MB89R118C
DS411-00001-6v0-E
3
MEMORY MAP
This section describes the FeRAM memory, which is the internal memory of the MB89R118C.
FeRAM Configuration
The FeRAM has 2000 bytes for use as user area and 48 bytes for use as system area.
The FeRAM memory areas consist of a total of 256 blocks (250 blocks of user area and 6 blocks of system
area). Each block can store 64 bits (8 bytes) of data.
The block is the unit used for the writing and reading of FeRAM data. The memory configuration of FeRAM
is shown below.
FeRAM memory configuration
Blocks “00H” to “F9H” are user area. The user area is defined as an area that can be accessed when the
corresponding block address is specified. On the other hand, Blocks “FAH” to “FFH” are system area. The
system area is defined as an area that can be accessed only with a specific command.
The system area consists of 6 blocks and contains UID, AFI, DSFID, EAS bits, and security status (can write
or cannot write) data for individual block. UID is fixed and cannot be updated. AFI, DSFID, and EAS bits are
written at the factory, and can be updated and locked (disable to write) with commands (Only EAS bit cannot
be locked) .
As shown in above, “FAH” holds the UID, and “FCH” to “FFH” hold the security status information on individual
user areas.
The configuration of “FBH” to “FFH” blocks is shown below. “FBH” block is used for EAS status, AFI and DSFID
data, the security status data of AFI and DSFID. “FCH” to “FFH” blocks contain block security status data.
* : Reserved for future use
Area
Block No.
Details
Data read
Data write
User area (2000 bytes)
00H to F9H
User area
Yes
Yes
System area (48 bytes)
FAH
UID (64 bits)
Yes
No
FBH
AFI, DSFID, EAS,
security status
Yes
Limited
FCH to FFH
Block security status
Yes
No
MSB
RFU*
DSFID
56
33
32
25
LSB
AFI
81
AFI
Lock
16
9
DSFID
Lock
64
57
EAS
Status
24
17
Status
Status
Structure of “FBH”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com