Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB89R118C Datasheet(PDF) 12 Page - RAMXEED LIMITED

Part # MB89R118C
Description  FeRAM Embedded High-speed RFID LSI
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R118C Datasheet(HTML) 12 Page - RAMXEED LIMITED

Back Button MB89R118C Datasheet HTML 8Page - RAMXEED LIMITED MB89R118C Datasheet HTML 9Page - RAMXEED LIMITED MB89R118C Datasheet HTML 10Page - RAMXEED LIMITED MB89R118C Datasheet HTML 11Page - RAMXEED LIMITED MB89R118C Datasheet HTML 12Page - RAMXEED LIMITED MB89R118C Datasheet HTML 13Page - RAMXEED LIMITED MB89R118C Datasheet HTML 14Page - RAMXEED LIMITED MB89R118C Datasheet HTML 15Page - RAMXEED LIMITED MB89R118C Datasheet HTML 16Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
MB89R118C
12
DS411-00001-6v0-E
4. Requests/Responses
A request is sent from the reader/writer to the transponder. In replying to the request, the transponder sends
a response to the reader/writer.
Each request, and response, is transmitted in each single frame.
Structure of requests and responses
A request consists of the following 5 fields :
• Flag
• Command code
• Parameter (required or optional depending on the command)
• Application data
• CRC
A response consists of the following 4 fields :
• Flag
• Parameter (required or optional depending on the command)
• Application data
• CRC
Each byte is transferred, beginning with the lowest bit. When two or more bytes are transferred, transfer
begins with the lowest one.
5. Operating Modes
The MB89R118C has the following 3 operating modes :
Each mode specifies a different mechanism for how the transponder returns a response in replying to a
request from the reader/writer :
Addressed mode
The MB89R118C enters Addressed mode when the Address_flag is set to “1”.
In Addressed mode, a request includes a UID (the Address_flag is set to “1” simultaneously), and only the
transponder that matches the UID in the request returns a response. If no transponder that matches the UID
exists, a response is not returned.
Non-Addressed mode
The MB89R118C enters Non-Addressed mode when the Address_flag is set to “0”.
In Non-Addressed mode, a request does not include a UID. The transponders that receive the request
execute processing and return its response in accordance with the requested command.
Select mode
The MB89R118C enters Select mode when the Select_flag is set to “1”, and the Address_flag is set to “0”.
In Select mode, the request shall not contain a UID. When the transponders receive the command, only
the transponder in the select state executes processing and returns its response in accordance with the
requested command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com