Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB89R118C Datasheet(PDF) 7 Page - RAMXEED LIMITED

Part # MB89R118C
Description  FeRAM Embedded High-speed RFID LSI
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB89R118C Datasheet(HTML) 7 Page - RAMXEED LIMITED

Back Button MB89R118C Datasheet HTML 3Page - RAMXEED LIMITED MB89R118C Datasheet HTML 4Page - RAMXEED LIMITED MB89R118C Datasheet HTML 5Page - RAMXEED LIMITED MB89R118C Datasheet HTML 6Page - RAMXEED LIMITED MB89R118C Datasheet HTML 7Page - RAMXEED LIMITED MB89R118C Datasheet HTML 8Page - RAMXEED LIMITED MB89R118C Datasheet HTML 9Page - RAMXEED LIMITED MB89R118C Datasheet HTML 10Page - RAMXEED LIMITED MB89R118C Datasheet HTML 11Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
MB89R118C
DS411-00001-6v0-E
7
4. Cyclic Redundancy Check (CRC)
When a frame is received, reception of correct data making up the frame is assumed only when the value
of the cyclic redundancy check (CRC) code is valid. For error-checking purposes, a 2-byte CRC code value
is inserted between data and the EOF signal.
The value of CRC code is required from all the data contained between the SOF and CRC field in each
frame. Method of calculation is provided in ISO/IEC 13239. The details are provided in ISO/IEC 15693-3
and ISO/IEC 18000-3 (Mode 1) . The initial value of the CRC code provided in ISO/IEC 15693-3 is “FFFFH”.
The CRC code is transferred, beginning with the lowest-order bit in the lowest-order byte.
5. Electronic Article Surveillance (EAS) status
EAS status is 1 bit data (LSB side) , which is stored in the system area of FeRAM. The initial value is “1”.
EAS bit “1” means goods-monitoring status, and EAS bit “0” means that goods-monitoring status is cleared.
EAS status can be written by Write EAS command and can be checked “FBH” block (refer to “ MEMORY
MAP”) by Read commands such as Read Single Block command.
Together with Gate type reader/writer, EAS command can support anti-theft security functions.
MSBit
MSBit
LSBit
MSByte
LSByte
LSBit
CRC 16 (8 Bits)
CRC 16 (8 Bits)
First transmitted bit of the CRC
CRC bit/byte transition order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com