Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99UDL01 Datasheet(PDF) 64 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L99UDL01_V01 Datasheet HTML 60Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 61Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 62Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 63Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 64Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 65Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 66Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 67Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
Programmers guide
L99UDL01
64/88
DS12511 Rev 5
TSD_ACT
This bit determines the reaction to a thermal shutdown event on an output. If reset the
thermal shutdown action is limited to the individual output OUTx (x=1...6). If set, all of the
internal outputs OUTx (x=1...6), the external outputs EX_OUTx (x=1, 2) and the charge
pump are disabled in a thermal shutdown event. No data is lost during a thermal shutdown
event.
GFI
This bit enables the DOUT pin to be a reflection of the GSBN bit in the Global Status Byte.
When enabled, the DOUT pin will go low if there is any fault indication in the Global Status
Byte or will remain high under no fault condition. When this bit is not set the DOUT pin is
tri-stated.
6.2.3
Register 04H and 05H (Driver configuration registers 1 through 3, and 4
through 6)
These registers set up the current / PWM regulation for Output/Group 1, Output 2 and
Output 3 in register 04H and Output 4/Group 2, Output 5 and Output 6 in register 05H
These registers can be read or written to. New data is not acted upon if programmed while
in timed actuation. New data will be used in subsequent timed actuations.
Register 04H (Outputs 1-3)
Figure 20. 04H driver configuration register 3
OC1
OC2
A5
A4
A3
A2
A1
A0
D 15 D 14 D 13 D 12 D 11 D 10
D 9
D 8
D 7
D 6
D 5
D 4
D 3D 2
D 1D 0
0
0
0
1
0
0
0100
Default Values
00000
0000000000
X
Table 38. 04H register bit description
Bit#
Command
Description
15
C/PWM_SW_3
Out 3 Current / PWM enable bit
14
OCP3_3
Out 3 Curr/PWM CNTL bit 3
13
OCP3_2
Out 3 Curr/PWM CNTL bit 2
12
OCP3_1
Out 3 Curr/PWM CNTL bit 1
11
OCP3_0
Out 3 Curr/PWM CNTL bit 0
10
C/PWM_SW_2
Out 2 Current / PWM enable bit
9
OCP2_3
Out 2 Curr/PWM CNTL bit 3
8
OCP2_2
Out 2 Curr/PWM CNTL bit 2
7
OCP2_1
Out 2 Curr/PWM CNTL bit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com