Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99UDL01 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L99UDL01_V01 Datasheet HTML 32Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 33Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 34Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 35Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 36Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 37Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 38Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 39Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
Electrical characteristics
L99UDL01
36/88
DS12511 Rev 5
D.037
VSLVI_R
Supply voltage inhibit
threshold
Rising edge
5
5.25
5.5
V
D.038
VSLVI_HYST
Inhibit threshold
Hysteresis
0.5
V
D.039
tVSLVI
Low Voltage inhibit
filter time
Tested by scan
64
s
D.040
TW
Thermal warning
temperature
threshold
Fault is reported in SPI register
TWx bits only
140
150
160
°C
D.041
TW_RES
Thermal warning
Reset
Fault can be read and cleared.
TW-10
°C
D.042
VDS_TH
Typical Drain to
Source overvoltage
voltage range
This parameter is
programmable in 0.25 V
increments. See VDS Protection
programming register 06H
0.25
2
V
D.043
VDS_TH Step
size
Programmed step
size
0.25
V
D.044
VDS_TH Step
tolerance
VDS Programming
step size tolerance
Voltage tolerance per bit
change
-15
0
+15
%
D.063
Voltage tolerance per bit
change (only for EXTx_VDSx =
1000)
-67.5
+67.5
mV
D.045
tVDS_BLANK
VDS fault blanking
time range
Start from turn on command
This is a programmable
parameter. Refer to Register
06H
Tested by scan
14
s
D.046
tVDS_STEP
VDS Fault blanking
time step size
Step size per bit (EXTx_VDt_y)
Refer to Register 06H
Tested by scan
1
s
D.047
tVDS_FILTER VDS fault filter time
Tested by scan
1
s
D.048
IDIAG
Diagnostic current
ODCLx/ODCHx bit set
Source
Sink
-0.5
mA
D.049
2.5
D.050
IDIAG_EXT
Diagnostic current
HBDCLx/HBDCHx bit set
Source
Sink
-0.5
mA
D.051
2.5
D.052
IOC_HS
Overcurrent(1)
Single output commanded high
VOUTx = 0 V
5.3
A
D.053
IOC_LS
Overcurrent(1)
Single output commanded low
VOUTx = VS
5.3
A
Table 13. Protections (continued)
Electrical characteristics (-40°C < TJ < 130°C, 6V < VS < 18V unless otherwise specified)
Req ID
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com