Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99UDL01 Datasheet(PDF) 71 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L99UDL01_V01 Datasheet HTML 67Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 68Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 69Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 70Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 71Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 72Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 73Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 74Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
DS12511 Rev 5
71/88
L99UDL01
Programmers guide
87
6.2.5
Register 07H (diagnostic monitoring control)
This register controls the diagnostic current enable and polarity.
This register can be read or written to. All new data programmed into this register will be
acted upon the rising edge of CSN even during a timed actuation.
ODCHx / ODCLx – HBDCHx/HBDCLx
These bits set the output diagnostic current. When the corresponding bit is set there is a
current imposed (IDIAG) on the integrated drivers (ODCH/Lx) or external drivers
(HBDCH/Lx). A sink and a source current cannot be enabled simultaneously.
It is not recommended to use the diagnostic currents when the outputs are being used. That
is during timed actuation or during output override.
Figure 23. 07H diagnostic monitoring control register
OC1
OC2
A5
A4
A3
A2
A1
A0
D 15 D 14 D 13 D 12 D 11 D 10
D 9
D 8
D 7
D 6
D 5
D 4
D 3D 2
D 1D 0
0
0
0
1
000111
Default Values
0000000000
00000
X
Table 46. 07H Register bit description
Bit No.
Function
Level
15
HBDCL1
H-Bridge 1 diagnostic current Sink
14
HBDCH1
H-Bridge 1 diagnostic current Source
13
STBY2
Standby Activation bit 2
12
ODCL6
Output 6 diagnostic current Sink
11
ODCH6
Output 6 diagnostic current Source
10
ODCL5
Output 5 diagnostic current Sink
9
ODCH5
Output 5 diagnostic current Source
8
ODCL4
Output 4 diagnostic current Sink
7
ODCH4
Output 4 diagnostic current Source
6
ODCL3
Output 3 diagnostic current Sink
5
ODCH3
Output 3 diagnostic current Source
4
ODCL2
Output 2 diagnostic current Sink
3
ODCH2
Output 2 diagnostic current Source
2
ODCL1
Output 1 diagnostic current Sink
1
ODCH1
Output 1 diagnostic current Source
0 LSB
Parity
Parity bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com