Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99UDL01 Datasheet(PDF) 82 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button L99UDL01_V01 Datasheet HTML 78Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 79Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 80Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 81Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 82Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 83Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 84Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 85Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
Programmers guide
L99UDL01
82/88
DS12511 Rev 5
TWx
These bits indicate which outputs have temperatures over the thermal warning threshold
(TW). They will remain set as long as the junction temperature is above the thermal warning
reset threshold (TW_RES). Once the junction temperature is below the thermal warning reset
threshold they can only be cleared by a Read & Clear command.
TSDx
These bits indicate which outputs have exceeded the over temperature shutdown threshold.
There are two reactions to a thermal shutdown. The individual output can be disabled or the
entire IC can be disabled by setting TSD_ACT bit to 1 (Register 03H).
The TSDx bits will remain set as long as the junction temperature is above the thermal
shutdown reset threshold (TSD_RES). Once the junction temperature is below the thermal
shutdown reset threshold they can only be cleared by a Read & Clear command.
Offending outputs will remain latched off until their respective TSDX bits are Read &
Cleared.
VSOV
VS overvoltage bit is set when the device has exceeded the VSOVSD threshold
VSLVI
VS under voltage inhibit bit is set when the VS voltage has dropped below the VSLVI_F
threshold.
CPLOW
CPLOW will remain set indicating that the charge pump was low, below VCPLOW threshold.
When CPLOW is set (i.e. the Charge Pump is low), the EXTFx_y bits (in register 11H) and
the FLTx_y bits (in register 10H) may be set too.
6.3.5
Register 13H-(regulated current feedback out 1-6)
1
TW1
Thermal Warning Out 1
Cleared
0
0 LSB
Parity
Parity bit
1
Table 57. 12H register bit description (continued)
Bit No.
Function
Level
State after SPI
Read & Clear
Default
(after POR)
Figure 30. 13H through 18H Regulated current feedback registers
OC1
OC2
A5
A4
A3
A2
A1
A0
D 15 D 14 D 13 D 12 D 11 D 10
D 9
D 8
D 7
D 6
D 5
D 4
D 3D 2
D 1D 0
0
1
1
0
01
0
0
0
0
0
1
0
1
1
1
1
0
1
0
0
1
1
0
1
0
1
0
1
0
Default Values
0000000000
00000
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com