Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99UDL01 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L99UDL01_V01 Datasheet HTML 36Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 37Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 38Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 39Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 40Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 41Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 42Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 43Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
Electrical characteristics
L99UDL01
40/88
DS12511 Rev 5
Figure 11. SPI timing diagram
B.033
tCSN(min)
Minimum CSN high time
6
µs
B.034
tSDO(del)
SDO delay time
VDO < 0.3VDD,
VDO > 0.7VDD
CL = 50 pF
Active device in Normal
Mode
30
60
ns
Table 16. SPI timing parameters (continued)
Electrical characteristics (-40°C < TJ < 130°C, 6V < VS < 18V unless otherwise specified)
SPI Timing Parameters
Req ID
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com