Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99UDL01 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L99UDL01_V01 Datasheet HTML 25Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 26Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 27Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 28Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 29Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 30Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 31Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 32Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
DS12511 Rev 5
29/88
L99UDL01
Electrical characteristics
87
4.2
Thermal data
4.3
Electrical characteristics
For an efficient and easy tracking, numbering has been added to each electrical parameter.
Device features are split into categories, see Table 5, and each of them is represented by a
Letter (A, B, C, etc); all parameters will be completely identified by a letter and three digit
number (e.g. B.125, C.096…) for their whole lifetime.
New inserted parameters will continue with the numbering of the related category, no matter
of where they are placed.
To facilitate insertion, the last number inserted for each category is also reported in Table 5.
Due to these rules and taking into account that deleted parameter numbers will be no more
reassigned, numbering inside each category may be not sequential.
All the electrical parameters reported in the following sections are evaluated with L99UDL01
in Normal Mode.
Table 4. Thermal data
Symbol
Parameter
Value
Unit
min
max
Rth(j-a)
Thermal resistance Junction to Ambient(1). One output on.
18
°C/W
Rth(j-c)
Thermal resistance Junction to case. One output on
7
°C/W
1. On a 4-layer FR4 board with thickness of 1.5 mm +/- 10%, dimension 77 mm x 114 mm, Cu thickness 0,070 mm for outer
layers, 0.0035 mm for inner layers, 5x4 thermal vias on 1.2x1.2 mm pads and clearance of 0.2 mm, thermal via diameter
0.3 mm ± 0.08 mm, Cu thickness on vias 0.025 mm, footprint dimension 6 mm x 6 mm.
Table 5. Electrical parameters numbering
Category
Parameters numbering
Last Inserted
Analog I/O
A.xxx
A.040
Digital I/O
B.xxx
B.034
Voltage Regulators(1)
1. Category not present in L99UDL01.
C.xxx
Outputs
D.xxx
D.063
Transceivers (1)
E.xxx
Others
F.xxx
F.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com