| Electronic Components Datasheet Search |
|
SPSB081 Datasheet(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB081 Datasheet(HTML) 51 Page - STMicroelectronics |
|
51 / 137 page ![]() Figure 30. Window watchdog operation The watchdog trigger bit location is defined by the <WD bit pos. X> registers. Table 25. WD bit position Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 - WB1 WB0 - <WD bit pos. X> 0 0 Register is not used <WD bit pos. X> 0 1 WBA5 WBA4 WBA3 WBA2 WBA1 WBA0 <WD bit pos. 1> 0 1 0 0 0 0 0 1 <WD bit pos. 3> 0 1 1 1 1 1 1 1 Defines the register addresses of the WD trigger bits <WD bit pos. X> 1 0 WBA5 WBA4 WBA3 WBA2 WBA1 WBA0 Defines the stop address of the address range (previous <WD bit pos. X> is a WB = ‘01’) The consecutive <WD bitpos. X> has to be a WB = ‘11’ <WD bit pos. X> 1 1 0 WBP4 WBP3 WBP2 WBP1 WBP0 <WD bit pos. 2> 1 1 0 0 0 0 0 0 <WD bit pos. 4> 1 1 0 0 0 0 0 0 Defines the binary bit position of the WD trigger bit within the register <WD bit pos 1>: 41H; watchdog trigger bit located at address 01H (CR1). <WD bit pos 2>: C0H; watchdog trigger bit location is bit0. <WD bit pos 3>: 7FH; watchdog trigger bit located at address 3FH (config register). <WD bit pos 4>: C0H; watchdog trigger bit location is bit0. 4.3.2 Device application registers (RAM) The device application registers are all registers accessible using OpCode ‘00’, ‘01’ and ‘10’. The functions of these registers are defined in the device specification. 4.4 Protocol failure detection To realize a protocol, which covers certain fail-safe requirements a basic set of failure detection mechanisms are implemented. SPSB081 Protocol failure detection DS14048 - Rev 3 page 51/137 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |