Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081 Datasheet(PDF) 54 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 50Page - STMicroelectronics SPSB081 Datasheet HTML 51Page - STMicroelectronics SPSB081 Datasheet HTML 52Page - STMicroelectronics SPSB081 Datasheet HTML 53Page - STMicroelectronics SPSB081 Datasheet HTML 54Page - STMicroelectronics SPSB081 Datasheet HTML 55Page - STMicroelectronics SPSB081 Datasheet HTML 56Page - STMicroelectronics SPSB081 Datasheet HTML 57Page - STMicroelectronics SPSB081 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 137 page
background image
Symbol
Parameter
Condition
Min
Typ Max Unit Item
TxD CAN = high
TxD LIN = high
V1 ON, V2 OFF
HS driver OFF
CAN OFF
IV(VBAT,25)
Current consumption in
VBAT_standby mode(1)(2)
VS = 12 V, TJ = 25 °C
Both voltage regulators deactivated
HS driver OFF
No CAN communication
-
15
25
µA
A.055
IV(VBAT,85)(3)
Current consumption in
VBAT_standby mode(1)(2)
VS = 12 V, TJ = 85 °C
Both voltage regulators deactivated
HS driver OFF
No CAN communication
-
25
30
A.013
IV(BAT)CS
Current consumption in
VBAT-standby mode with
cyclic sense enabled(1)
VS = 12 V, TJ = 25 °C
Both voltage regulators deactivated
T = 50 ms, ton = 100 µs
-
42
53
µA
A.056
VS = 12 V, TJ = 85 °C
Both voltage regulators deactivated
T = 50 ms, ton = 100 µs
-
48
60
A.014
IV(BAT)CW
Current consumption in
VBAT-standby mode with
cyclic wake-up enabled(1)
VS= 12 V, TJ = 25 °C
Both voltage regulators deactivated
In standby phase before wake-up on timer
expiration
-
42
55
µA
A.057
VS= 12 V, Tj = 85 °C
Both voltage regulators deactivated
In standby phase before wake- up on timer
expiration(3)
-
48
60
A.015
IV(V1stby,25)
Current consumption in
V1_standby mode(1)(2)
VS = 12 V, TJ = 25 °C
Voltage regulator V1 active, (Iv1 = 0)
HS driver OFF
Wake-up OFF except for LIN transceiver
-
48
60
µA
A.058
IV(V1stby,85)(3)
VS= 12 V, TJ = 85 °C
Voltage regulator V1 active, (Iv1 = 0)
HS driver OFF
Wake-up OFF except for LIN transceiver
-
59
70
A.016
IV(V1stby_cc,25)(3)(4)
Current consumption for
cyclic sense enabled
V1_standby
WDG = OFF
TJ = 25 °C
-
40
80
µA
A.059
IV(V1stby_cc,85)(3)(4)
V1_standby
WDG = OFF
TJ = 85 °C
-
48
96
µA
A.060
IV(VBAT_WU,25)(3)(4)
Current consumption for
wake-up inputs
VBAT_standby
Voltage regulator V2 disabled
-
0.5
1.5
µA
A.061
SPSB081
Electrical characteristics
DS14048 - Rev 3
page 54/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com