Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB081 Datasheet(PDF) 66 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 62Page - STMicroelectronics SPSB081 Datasheet HTML 63Page - STMicroelectronics SPSB081 Datasheet HTML 64Page - STMicroelectronics SPSB081 Datasheet HTML 65Page - STMicroelectronics SPSB081 Datasheet HTML 66Page - STMicroelectronics SPSB081 Datasheet HTML 67Page - STMicroelectronics SPSB081 Datasheet HTML 68Page - STMicroelectronics SPSB081 Datasheet HTML 69Page - STMicroelectronics SPSB081 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 137 page
background image
5.13
CAN FD transceiver
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
6 V ≤ VSREG ≤ 18 V; 4.8 V ≤ Vcansup ≤ 5.2 V; Tjunction = from -40 °C to 150 °C, unless otherwise specified.
-12 V ≤ (CANH + CANL)/2 ≤ 12 V
•
ISO 11898-2:2016 compliant
•
SAE J2284 compliant
Table 40. CAN communication operating range
Symbol
Parameter
Condition
Min Typ Max Unit
Item
VSREG_Transmitter
Supply voltage operating
range for CAN
transmitter(1)
-
6.5
-
28
V
E.001
VSREG_Receiver
Supply voltage operating
range for CAN receiver
-
6.5
-
28
V
E.002
VCANSUPvalid
CAN supply valid voltage
flag
VV1 = VCANSUP decreasing or
VV2 = VCANSUP decreasing or
external supply = VCANSUP decreasing
4.5 4.65 4.8
V
E.105
VCANSUPext
External CAN supply
output voltage
-
4.8
5.0
5.2
V
E.106
tCANSUPvalid
CAN supply UV filter time Tested by scan
-
22
-
µs
E.107
VCANSUPlow
CAN supply low voltage
flag
VV1 = VCANSUP decreasing or
VV2 = VCANSUP decreasing or
External supply = VCANSUP decreasing
4.1
4.3
4.5
V
E.031
VCANHL, CM
Common mode Bus
voltage (VCANH +
VCANL)/2
Measured with respect to the ground of each
CAN transceiver
-12
-
12
V
E.113
ITRCV
Transceiver current
consumption during
normal mode
Active mode: RL = 50 Ω…65 Ω
70% VRXDC (rising) - 30% VRXDC (falling)
CRXD = 15 pF
TXD rise and fall time = 10 ns (10% - 90%, 90%
- 10%)
Test signal to be applied on the TXD input of
the implementation is a square wave signal with
a positive duty cycle of 1/6 and a period of six
times the nominal recessive bit width
Rectangular pulse signal TTXDC = 6*TBIT(2),
high pulse 1*TBIT, low pulse 5*TBIT
-
-
120
mA
E.003
ITRCV_short
Transceiver current
consumption during
output short
RL = 50 Ω…65 Ω
VCANH = -3 V or VCANL = 40 V
-
-
120
mA
E.004
ITRCVLPbias
Transceiver current
consumption; biasing
active
RL = 50 Ω…65 Ω
VTXDC = VTXDCHIGH
-
400 600
µA
E.005
ITRCVLP
Transceiver current
consumption during low-
power mode; biasing
inactive
RL = 50 Ω…65 Ω
VTXDC = VTXDCHIGH
-
10
50
µA
E.006
BR
Supported bitrates
Supported bitrates at which all requirements are
fulfilled
-
-
5
Mb/s E.007
1. VAt VSREG < VSREG_Tranmitter(min) the transceiver shall enter high impedance state .
SPSB081
CAN FD transceiver
DS14048 - Rev 3
page 66/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com