Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 43Page - STMicroelectronics SPSB100PTR Datasheet HTML 44Page - STMicroelectronics SPSB100PTR Datasheet HTML 45Page - STMicroelectronics SPSB100PTR Datasheet HTML 46Page - STMicroelectronics SPSB100PTR Datasheet HTML 47Page - STMicroelectronics SPSB100PTR Datasheet HTML 48Page - STMicroelectronics SPSB100PTR Datasheet HTML 49Page - STMicroelectronics SPSB100PTR Datasheet HTML 50Page - STMicroelectronics SPSB100PTR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 213 page
background image
SPI status bit name
IRQ generated
IRQ SPI mask name
VS_UV_EW
Y
MASK_VS_EW_IRQ
WD_ENA_ECHO_ERROR
Y
MASK_WD_ENA_ECHO_ERROR_IRQ
WU_WAKE
Y
Not WU_ENA
FP_READY
Y
Not maskable
LBIST_STOPPED
-
Not maskable
LP_READY
Y
MASK_LP_READY_IRQ
Interrupt is a NOR of all information except if some masks are set. A read and clear of all setted flags is needed to
allow the IRQ pin to be set high.
Interrupt output pin indicates:
•
Warnings and errors which must be reported to the MCU.
•
Confirmation of a requested action from the MCU.
3.15
Reset output - NRST
The NRST pin is an open-drain with an internal pull-up for the echo-generation. An external pull-up to VIO level
close to MCU is strongly recommended.
The aim of NRST output is to drive the MCU NRST input pin.
The NRST is released after a proper power-up sequence before reaching the RECOVERY-1 state, and is
asserted low after tNRST_rt, in case of error as described in the Section 3.6.3: States and transitions description.
3.16
10-bit ADC
In ACTIVE – FULL-POWER mode and RECOVERY-1 state the voltage signals VS, FBB, WU, IGN, TH_CL0,
TH_CL1, TH_CL2, TH_CL3, and TH_CL4 are read out sequentially. Related bit names in the status register are
VS[0..9], FBB[0..9], WU[0..9], IGN[0..9], TEMP_CL0[0..9], TEMP_CL1[0..9], TEMP_CL2[0..9], TEMP_CL3[0..9]
and TEMP_CL4[0..9].
The voltage signals are multiplexed to an ADC. The ADC is realized as a 10-Bit SAR. Each channel is converted
with a conversion time tcon, therefore an update of the ADC value is available every tcon * 13.
The voltage measurement on VS, FBB, WU and IGN can be calculated from the binary coded register value using
the following formula:
Decimal code = (VIN/LSB_V ) – 1
The temperature measurement on TEMP_CL0-4 can be calculated from the binary coded register value using the
following formula:
Decimal code = ((355 – Tj)/LSB_T) – 1
In case of WU, or IGN, is directly connected to battery line, the input must be protected by a series resistance of
typical 1 kΩ to sustain reverse battery condition.
3.17
SW-Debug mode
The SW-Debug mode is intended for software development. In SW-Debug mode SPSB100 is fully operational
except that the watchdog is not started and consequently does not monitor proper watchdog trig.
To set the device in SW-DEBUG mode, the SWDBG pin must be shorted to VIO before a power-up sequence
(cold start or wake up from DEEP-SLEEP). With such setting the device executes the power-up sequence and,
instead of reaching RECOVERY-1 state, the device transits to SWDBG state.
In SWDBG state the timeout tSWDBG_TO is launched.
The timeout is used to prevent the system from being stuck in SWDBG state:
If the timeout expires, then SW-Debug mode entry is canceled. The device transits to RECOVERY-1 state and
starts the watchdog with a long open window. Status register bit SWDBG_VIO is set, an IRQ (maskable by
MASK_SWDBG_VIO_IRQ) is generated to indicate that SWDBG pin is shorted to VIO.
If the short to VIO is removed before timeout expiration then the device transits to RECOVERY-1 state, the
watchdog is disabled. To transit to ACTIVE-FULL-POWER mode the software must clear error flags and set
WD_TRIG, this is the unique access to WD_TRIG that the software must handle in SW-Debug mode.
SPSB100
Functional description
DS14640 - Rev 2
page 47/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com