Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 10Page - STMicroelectronics SPSB100PTR Datasheet HTML 11Page - STMicroelectronics SPSB100PTR Datasheet HTML 12Page - STMicroelectronics SPSB100PTR Datasheet HTML 13Page - STMicroelectronics SPSB100PTR Datasheet HTML 14Page - STMicroelectronics SPSB100PTR Datasheet HTML 15Page - STMicroelectronics SPSB100PTR Datasheet HTML 16Page - STMicroelectronics SPSB100PTR Datasheet HTML 17Page - STMicroelectronics SPSB100PTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 213 page
background image
3.2
Boost controller
The boost, or step up controller, generates an output voltage that supplies the SPSB100 device and the BUCK
converters, only during a transitory time at power up to reach a normal operating range (12 V battery range), or
only during low battery conditions for a transitory time, or for sustaining deep cranking.
In case the VS voltage exceeds the VTH_BYPASS threshold, the converter is deactivated and battery supplies, via
separate bypass MOSFET, the BUCK converters. The live bit BOOST_ENA_STATUS reflects the state of the
boost.
The block diagram of the boost is shown in the figure below.
Figure 7. Boost controller block diagram
L_Boost
Logic
GLB
Boost
Driver
Stage
FBB
Vth
Boost_En
PWM
Duty Cycle Control
Rg_pd
AND
Enable
VS
Vbat
Rg
D1_Boost
Q1_Boost
C_Boost
Output voltage sense
V_Boost
Q2_Bypass
GBY
Bypass Driver
V compth1
V compth2
V compth3
Rpr
D2_Boost
DZby
Rcl
CVBAT
DLB
According to the sensed battery voltage on VS pin (VS_LOW, VS_MID and VS_HIGH thresholds), the boost duty
cycle is suitably adjusted ( BOOST_DC_Max when VS voltage is between VS_POR and VS_LOW,
BOOST_DC_High when VS is between VS_LOW and VS_MID, BOOST_DC_Mid when VS is between VS_MID and
VS_HIGH and BOOST_DC_Low when VS is higher than VS_HIGH) to keep the output voltage quite over the
selected thresholds (VFBB_REG1 or VFBB_REG2, automatically set by state machine and readable by status register
bit BOOST_LEVEL_SET).
The system is compliant to the new defined “cold cranking pulse” required by start-stop systems. Moreover, a
suitable bypass MOSFET is driven when the BOOST is not switching to bypass the inductor, minimizing the
overall losses during normal operation.
The boost and the bypass drivers can be switched permanently OFF by setting respectively BOOST_DIS = 1 and
BYPASS_DIS = 1 in the USER-NVM space.
If the BOOST function is used (BOOST_DIS = 0):
•
At power-up, the bypass control is enabled when the state machine enters in INIT state (after successful
safety checks). If VS > VTH_BYPASS_R, the external bypass switch is turned on (BYPASS_STATUS = 1)
while the boost pwm is forced low. When VS < VTH_BYPASS_F, the external switch is turned off
(BYPASS_STATUS = 0) and the boost switching is activated.
•
In ACTIVE–FULL-POWER mode and in RECOVERY-1 state, when VS > VTH_BYPASS_R, the external
bypass switch is turned on after tF_BYPASS_EN timing (BYPASS_STATUS = 1) and the boost pwm is forced
low if FBB > FBB_REG1 (or FBB_REG2) threshold. When VS < VTH_BYPASS_F, the bypass switch is turned
off after tF_BYPASS_DIS timing (BYPASS_STATUS = 0) and the boost switching is activated if FBB <
FBB_REG1 (or FBB_REG2) threshold.
•
In ACTIVE–LOW-POWER mode, the BYPASS controller is disabled, turning off the external switch
(BYPASS_STATUS = 0): the consumption on the battery is limited to a few mAmps so no dissipation issue
is expected in the external diode.
•
In ACTIVE–LOW-POWER mode, the BOOST IP is disabled to reduce the overall SPSB100 consumption. It
is woken up when the monitored VFBB becomes close to the minimum operating supply (FBB_OK_LP_F1
or FBB_OK_LP_F2) for the remaining active BUCK with duty cycle BOOST_DC_LP.
•
In RECOVERY-2 or DEEP-SLEEP state, the boost is always OFF and the BYPASS controller is always
disabled (BYPASS_STATUS = 0).
SPSB100
Functional description
DS14640 - Rev 2
page 14/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com