Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 48 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 44Page - STMicroelectronics SPSB100PTR Datasheet HTML 45Page - STMicroelectronics SPSB100PTR Datasheet HTML 46Page - STMicroelectronics SPSB100PTR Datasheet HTML 47Page - STMicroelectronics SPSB100PTR Datasheet HTML 48Page - STMicroelectronics SPSB100PTR Datasheet HTML 49Page - STMicroelectronics SPSB100PTR Datasheet HTML 50Page - STMicroelectronics SPSB100PTR Datasheet HTML 51Page - STMicroelectronics SPSB100PTR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 213 page
background image
Any further voltage attachment to SWDBG pin at VIO is ignored, until the next SPSB100 power-up sequence.
This helps to protect unwanted SW-Debug mode entry and well enables possible share of this pin with other
functions.
Once the SW-Debug mode is established, it persists until terminated via SPI command SWDBG_EXIT or until the
next power on reset (battery unplug and replug). If terminated by SPI command the watchdog starts immediately
with a long open window.
The SW-Debug mode status can be monitored by the SPI status register WD_ENA_ECHO = 0.
The state of the SWDBG pin can be monitored by the live bit SWDBG_STATE.
In final application, it is possible to detect the hardware fault “SWDBG shorted to VIO” using the following
procedure.
After the MCU boot-up, the software shall read the SPSB100 state. The expected state is REC-1. If the SWDBG
pin is faulty shorted to VIO then the device reaches SWDBG state.
In such a case it is possible to kill the timeout by setting the KILL_SWDBG_TIMEOUT control bit: the device
transits to REC-1 state and the watchdog is enabled disregarding the SWDBG pin voltage.
This feature is useful to prevent an increase of start-up time when the hardware fault “SWDBG shorted to VIO” is
present.
3.18
VREG
The VREG is dedicated to generate the bootstrap voltage for the BUCKs in active and REC-1 states. It is supplied
by FBB pin in active-full power and by FB1 in active-low power.
VREG has a 3.3 V output and 150 mA current capability.
VREG cannot be used to supply external blocks.
The voltage regulator is protected against undervoltage: if the VREG output voltage is going below VVREG_UV for
a delay higher than tVREG_UV, flag INT_REG_UV is set and the device will execute a power down sequence to
enter in DEEP-SLEEP state.
The voltage regulator is protected against overvoltage: if the VREG output voltage is going above VVREG_OV for a
delay higher than tVREG_OV, flag INT_REG_OV is set and the device will execute a power down sequence to
enter in DEEP-SLEEP state.
The voltage regulator is protected against a short to ground during INIT state. If the VREG output voltage is not
able to reach VVREG_UV after tVREG_stup, flag INT_REG_UV is set and the device will make a transition to DEEP-
SLEEP state.
Current limitation IVREG_CCmax of the regulator ensures fast charge of external decoupling capacitor.
The output voltage is stable for ceramic load capacitors, see CVREG in the Section 7.22: VREG voltage regulator.
Warning temperature detection is managed by a local thermal sensor (flag is TW_CL0).
Warning temperature detection generates an IRQ except if MASK_CL0_TW_IRQ is set.
In case the device temperature exceeds the TSD_CL0 threshold, the device executes a power down sequence
before entering in REC-2 state.
SPSB100
Functional description
DS14640 - Rev 2
page 48/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com