Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 98 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 98 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 94Page - STMicroelectronics SPSB100PTR Datasheet HTML 95Page - STMicroelectronics SPSB100PTR Datasheet HTML 96Page - STMicroelectronics SPSB100PTR Datasheet HTML 97Page - STMicroelectronics SPSB100PTR Datasheet HTML 98Page - STMicroelectronics SPSB100PTR Datasheet HTML 99Page - STMicroelectronics SPSB100PTR Datasheet HTML 100Page - STMicroelectronics SPSB100PTR Datasheet HTML 101Page - STMicroelectronics SPSB100PTR Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 213 page
background image
Symbol
Parameter
Condition
Min
Typ Max Unit
tf_in(1)
Fall time of input signal SDI, CLK, CSN
-
25
ns
1. Guaranteed by design.
Table 39. Output: SDO
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VSDO_L
Output low level
VIO = 5.0 V
ISDO = +4 mA
-
-
0.5
V
VSDO_H
Output high level
VIO = 5.0 V
ISDO = -4 mA
4.5
-
-
V
ISDO_LK
Tristate leakage current
VIO = 5.0 V
0 V < VSDO < VIO
-10
-
10
μA
Table 40. SDO timing
Symbol
Parameter
Condition
Min Typ Max Unit
Pin
tr_SDO(1)
SDO rise time
CL = 50 pF
Iload = -4 mA
20% to 80%
-
25
ns
B.026
tf_SDO(1)
SDO fall time
CL = 50 pF
Iload = 4 mA
20% to 80%
-
25
ns
B.027
ten_SDO_tri_L(1)
SDO enable time
from high impedance to low level
CL = 50 pF
Iload = 4 mA
Pull-up load to VIO
50
100
ns
B.028
tdis_SDO_tri_L(1) SDO disable time from low level to high impedance
CL = 50 pF
Iload = 4 mA
Pull-up load to VIO
50
100
ns
B.029
ten_SDO_tri_H(1) SDO enable time from high impedance to high level
CL = 50 pF
Iload = -4 mA
Pull-down load to GND
50
100
ns
B.030
tdis_SDO_H_tri(1) SDO disable time from high level to high impedance
CL = 50 pF
Iload = -4 mA
50
100
ns
td_SDO(1)
SDO delay time
VSDO < 0.2 *VIO
or VSDO > 0.8 *VIO
CL = 50 pF
30
60
ns
B.031
1. Guaranteed by design.
Note:
See the Figure 67.
Table 41. CSN timing
Symbol
Parameter
Condition
Min Typ Max Unit
Pin
tCSN_HI,min_act(1) Minimum CSN high time, active mode
Transfer of SPI-command to input
register
0.5
-
-
μs
B.032
tCSN_HI,min_lp(1)
Minimum CSN high time, low power
modes
Transfer of SPI-command to input
register
5
-
-
μs
-
tCSNfail(1)
CSN low timeout
20
35
50
ms B.033
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 98/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com