Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 88 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 88 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 84Page - STMicroelectronics SPSB100PTR Datasheet HTML 85Page - STMicroelectronics SPSB100PTR Datasheet HTML 86Page - STMicroelectronics SPSB100PTR Datasheet HTML 87Page - STMicroelectronics SPSB100PTR Datasheet HTML 88Page - STMicroelectronics SPSB100PTR Datasheet HTML 89Page - STMicroelectronics SPSB100PTR Datasheet HTML 90Page - STMicroelectronics SPSB100PTR Datasheet HTML 91Page - STMicroelectronics SPSB100PTR Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 213 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Tsoftstart_buck_00(1)
Soft start time slope when start-
up
BUCK3_SS_VALUE = 00
5.28
8.7
12.32 V/ms
Tsoftstart_buck_01(1)
Soft start time slope when start-
up
BUCK3_SS_VALUE = 01
2.64
4.35
6.16
V/ms
Tsoftstart_buck_10(1)
Soft start time slope when start-
up
BUCK3_SS_VALUE = 10
1.08
1.75
2.52
V/ms
Tsoftstart_buck_11(1)
Soft start time slope when start-
up
BUCK3_SS_VALUE = 11
0.552
0.87
1.288 V/ms
Fsw_buck3
Switching frequency
2.0
2.4
2.8
MHz
Fspread_buck3(1)
Spread spectrum range
-8
-
+8
%
PHI_buck3(1)(3)
Phase shift to BUCK1
200
250
300
deg
RPD_OFF_Buck3
Pull-down resistor in off
Vout = 3.3 V
120
150
180
Ω
1. Guaranteed by design.
2. Guaranteed by bench measurements. Performances verified in applicative conditions. Tested in static load conditions (Iload
= 150 mA).
3. Digital implementation is guaranteed by scan test.
Below are the efficiency curves for BUCK3:
Figure 55. Vout = 3.3 V and VIN3 = 5 V
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
Figure 56. Vout = 1.25 V and VIN3 = 3.3 V
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 88/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com