Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 12Page - STMicroelectronics SPSB100PTR Datasheet HTML 13Page - STMicroelectronics SPSB100PTR Datasheet HTML 14Page - STMicroelectronics SPSB100PTR Datasheet HTML 15Page - STMicroelectronics SPSB100PTR Datasheet HTML 16Page - STMicroelectronics SPSB100PTR Datasheet HTML 17Page - STMicroelectronics SPSB100PTR Datasheet HTML 18Page - STMicroelectronics SPSB100PTR Datasheet HTML 19Page - STMicroelectronics SPSB100PTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 213 page
background image
Figure 10. Battery drop behavior
VS
VFBB
digital por_n
BOOST enable
analog por_n
BUCKs on
BUCKs off
SBSB100
state
IRQ
ACTIVE or REC-1 or
REC-2 or INIT
state
BOOST switching
BYPASS ON
BOOST switching
executes
Power-Up
sequence
REC-1
Trig WD
ACTIVE
13.5V
Safety
checks
REC-2  INIT
State depends
on SW action
No IRQ, but flag is set
FBB_UV_EW
FBB_UV
POR not reaches 
SPSB100 restarts
Always high
Always high
VFBB_UV_F # 4.9 or 5.75V
VVS_UV_EW
VPORVS_F # 2.15V
VFBB_UV_EW programmable
from 8.36V to 5V
VFBB_UV_R # 5.25 or 6.25V
VFBB_REG # 8 or 9.5V
VTH_BYPASS_Rn # 9 or 10.5V
VTH_BYPASS_Fn # 8.75 or 10V
VFBB_OK_R # 7.2 or 9V
VS_UV_EW
(1)
(1)
(1) Digital comparator in ACTIVE – Full-Power & REC -1, programmable threshold.
IRQ flags :
EW = Early warning
Overvoltage cases are not critical for the boost itself (the bypass is ON) but for the regulators (BUCKs, LDOs…)
that are directly supplied. These are managed according to configured thresholds (through VFBB_OV threshold)
which trigger in any case a power down sequence. Power up is initiated as long as the voltage decreases below
the overvoltage FBB_OV_F.
Undervoltage cases are critical for the regulators (BUCKs, LDOs…) that are directly supplied. These are
managed according to configured thresholds (through VFBB_UV_F threshold) which trigger in any case a power
down sequence. Power-up is initiated as long as the voltage increase above the undervoltage related threshold
VFBB_UV_R.
SPSB100
Functional description
DS14640 - Rev 2
page 16/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com