Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 135 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 135 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 131Page - STMicroelectronics SPSB100PTR Datasheet HTML 132Page - STMicroelectronics SPSB100PTR Datasheet HTML 133Page - STMicroelectronics SPSB100PTR Datasheet HTML 134Page - STMicroelectronics SPSB100PTR Datasheet HTML 135Page - STMicroelectronics SPSB100PTR Datasheet HTML 136Page - STMicroelectronics SPSB100PTR Datasheet HTML 137Page - STMicroelectronics SPSB100PTR Datasheet HTML 138Page - STMicroelectronics SPSB100PTR Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 213 page
background image
9.6
U_NVM registers
During the emulation mode (described in the Section 3.8.2: USER-NVM emulation) U_NVM SPI registers from
DCR10 to DRC28 can be R/W, instead after valid USER-NVM programming procedure the U_NVM SPI registers
from DCR10 to DRC28 can be only readable as showed below.
Table 107. DCR10 (0x0A) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
- (R0)
- (R0)
- (R0)
- (R)
- (R)
- (R)
- (R)
RES
RES
RES
RES
BUCK1_FREQ
BUCK1_PU_VALUE_1
BUCK1_PU_VALUE_0
BUCK1_PU_STEP_ENA_2
Reserved
Reserved
Reserved
Reserved
BUCK1 frequency bit
BUCK1 pull-up value bit 1
BUCK1 pull-up value bit 0
BUCK1 pull-up step enables bit 2
Table 108. DCR10 (0x0A) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
20
RES
Reserved
19
BUCK1_FREQ
BUCK1 frequency:
1: 0.4 MHz
0: 2.4 MHz
18
BUCK1_PU_VALUE_1
BUCK1 voltage setting
00: 3.3 V
01: 5.0 V
1X: 6.5 V
17
BUCK1_PU_VALUE_0
16
BUCK1_PU_STEP_ENA_2
Table 109. DCR10 (0x0A)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
BUCK1_PU_STEP_ENA_1
BUCK1_PU_STEP_ENA_0
BUCK1_PD_STEP_OFF_2
BUCK1_PD_STEP_OFF_1
BUCK1_PD_STEP_OFF_0
BUCK1_IPEAK_2
BUCK1_IPEAK_1
BUCK1_IPEAK_0
BUCK1 pull-up step enables bit
1
BUCK1 pull-up step enables bit
0
BUCK1 power-down step off bit
2
BUCK1 power-down step off bit
1
BUCK1 power-down step off bit
0
BUCK1 peak
limitation current bit 2
BUCK1 peak
limitation current bit 1
BUCK1 peak
limitation current bit 0
Table 110. DCR10 (0x0A) description
Bit
Name
Description
15
BUCK1_PU_STEP_ENA_1
14
BUCK1_PU_STEP_ENA_0
To define BUCK1 turn-on steps
000: BUCK is not turned ON
001: Step 1
010: Step 2
011: Step 3
100: Step 4
101: Step 5
110: Step 6
111: Step 7
SPSB100
SPI registers
DS14640 - Rev 2
page 135/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com