| Electronic Components Datasheet Search |
|
SPSB100PTR Datasheet(PDF) 165 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100PTR Datasheet(HTML) 165 Page - STMicroelectronics |
|
165 / 213 page ![]() Table 216. DSR2 (0x22) MSB description Bit Name Description 23 RES Reserved 22 OUTHS_OL Open-load 1: Indicates an open-load condition was detected at OUTHS output Bit is latched until a “read and clear” command 21 OUTHS_OC Overcurrent 1: Indicates an overcurrent condition was detected at OUTHS output Bit is latched until a “read and clear” command 20 BOOST_IN_LP Boost switched on in low power mode 1: Occurred 19 BYPASS_VDSMON_ERROR BYPASS Vds monitoring error 1: Error is detected 0: No error reported 18 BOOST_VDSMON_ERROR BOOST Vds monitoring error 1: Error is detected 0: No error reported 17 FBB_OV FBB overvoltage 1: Indicates the voltage at FBB increased above the FBB overvoltage threshold In ACTIVE and REC-1 modes, an interrupt pulse is generated at IRQ Bit is latched until a “read and clear” command 16 FBB_UV FBB under voltage 1: Indicates the voltage at FBB decreased below the FBB undervoltage threshold In ACTIVE and REC-1 modes, an interrupt pulse is generated at IRQ Bit is latched until a “read and clear” command Table 217. DSR2 (0x22) Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 0 (RC1L) 0 (RC1L) 0 (RC1L) 0 (RC1L) 0 (RC1L) 0 (RC1L) 0 (RC1L) 0 (RC1L) IRQ_ECHO_ERROR FCCU_ENA_ECHO_ERROR NFSO1_ECHO_ERROR WD_ENA_ECHO_ERROR NRST_ECHO_ERROR VIO_UV TSD_CL4 TSD_CL3 Interrupt echo error bit FCCU enable echo error bit NFSO1 echo error bit Watchdog enable echo error bit NRESET echo error bit VIO undervoltage bit Thermal shutdown of cluster 4 bit Thermal shutdown of cluster 3 bit Table 218. DSR2 (0x22) description Bit Name Description 15 IRQ_ECHO_ERROR IRQ asserted but still high 1: Still high when asserted low 14 FCCU_ENA_ECHO_ERROR 1: The FCCU_ENA echo monitor reported an error 0: No error reported 13 NFSO1_ECHO_ERROR 1: The NFSO1 echo monitor reported an error 0: No error reported 12 WD_ENA_ECHO_ERROR 1: The WD_ENA echo monitor reported an error 0: No error reported 11 NRST_ECHO_ERROR 1: NRESET input high while NRESET output (expected) low after filter 0: No error SPSB100 SPI registers DS14640 - Rev 2 page 165/213 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |