Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 175 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 175 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 171Page - STMicroelectronics SPSB100PTR Datasheet HTML 172Page - STMicroelectronics SPSB100PTR Datasheet HTML 173Page - STMicroelectronics SPSB100PTR Datasheet HTML 174Page - STMicroelectronics SPSB100PTR Datasheet HTML 175Page - STMicroelectronics SPSB100PTR Datasheet HTML 176Page - STMicroelectronics SPSB100PTR Datasheet HTML 177Page - STMicroelectronics SPSB100PTR Datasheet HTML 178Page - STMicroelectronics SPSB100PTR Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 213 page
background image
Bit
Name
Description
18
FCCU_ENA_ECHO
echo of FCCU enable signal at FCCU block input
1: Indicates that the FCCU is running
Live bit
0: Indicates that FCCU block is disabled
17
WD_ENA_ECHO
echo of WD enable signal at WD block input
1: Indicates that the WD is running
Live bit
0: Indicates that WD block is disabled
It occurs in software debug or in test mode
16 WD_TIMER_STATE_1
Watchdog timer status
00: WD counter in too early window trig
01: WD counter in valid window trig
11: WD counter in too late window trig
Table 248. DSR7 (0x27)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (RC1L)
WD_TIMER_STATE_0
WDFAIL_CNT_3
WDFAIL_CNT_2
WDFAIL_CNT_1
WDFAIL_CNT_0
TSD_CNT_FAIL_1
TSD_CNT_FAIL_0
POWUP_RETRY_CNT_1
Watchdog timer state
bit 0
Watchdog fail
count bit 3
Watchdog fail
count bit 2
Watchdog fail
count bit 1
Watchdog fail
count bit 0
Thermal shutdown
fail count bit 1
Thermal shutdown
fail count bit 0
Power up retry count bit 1
Table 249. DSR7 (0x27) description
Bit
Name
Description
15
WD_TIMER_STATE_0
14
WDFAIL_CNT_3
Indicates number of consecutive watchdog trig fault, from 1 to 15
Bits cannot be cleared, will be cleared with a valid watchdog trig during a long open window,
or in DEEP-SLEEP
13
WDFAIL_CNT_2
12
WDFAIL_CNT_1
11
WDFAIL_CNT_0
10
TSD_CNT_FAIL_1
Thermal shut down sequence retry counter
9
TSD_CNT_FAIL_0
8
POWUP_RETRY_CNT_1
Power up sequence retry counter
MCU must clear this counter in REC-1 or ACTIVE state
Table 250. DSR7 (0x27) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RC1L)
- (R0)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
POWUP_RETRY_CNT_0
RES
NVM_PROG_OK
NVM_PROG_DONE
CRC3
CRC2
CRC1
CRC0
Power up retry count bit 0 Reserved
NVM program ok
bit
NVM program done
bit
Cyclic
redundancy
checking bit
3
Cyclic
redundancy
checking bit
2
Cyclic
redundancy
checking bit
1
Cyclic
redundancy
checking bit
0
SPSB100
SPI registers
DS14640 - Rev 2
page 175/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com