Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 181 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 181 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 177Page - STMicroelectronics SPSB100PTR Datasheet HTML 178Page - STMicroelectronics SPSB100PTR Datasheet HTML 179Page - STMicroelectronics SPSB100PTR Datasheet HTML 180Page - STMicroelectronics SPSB100PTR Datasheet HTML 181Page - STMicroelectronics SPSB100PTR Datasheet HTML 182Page - STMicroelectronics SPSB100PTR Datasheet HTML 183Page - STMicroelectronics SPSB100PTR Datasheet HTML 184Page - STMicroelectronics SPSB100PTR Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 213 page
background image
Table 273. DSR11 (0x2B) description
Bit
Name
Description
15
RES
Reserved
14
RES
Reserved
13
TEMP_CL2_9
Temperature cluster 2
Bits cannot be cleared
(a clear command generates a SPI_UNDEF_ADD flag)
12
TEMP_CL2_8
11
TEMP_CL2_7
10
TEMP_CL2_6
9
TEMP_CL2_5
8
TEMP_CL2_4
Table 274. DSR11 (0x2B) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R)
0 (R)
0 (R)
0 (R)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
TEMP_CL2_3
TEMP_CL2_2
TEMP_CL2_1
TEMP_CL2_0
CRC3
CRC2
CRC1
CRC0
Temperature
cluster 2 bit 3
Temperature
cluster 2 bit 2
Temperature
cluster 2 bit 1
Temperature
cluster 2 bit 0
Cyclic
redundancy
checking bit
3
Cyclic
redundancy
checking bit
2
Cyclic
redundancy
checking bit
1
Cyclic
redundancy
checking bit
0
Table 275. DSR11 (0x2B) LSB description
Bit
Name
Description
7
TEMP_CL2_3
6
TEMP_CL2_2
5
TEMP_CL2_1
4
TEMP_CL2_0
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 276. DSR12 (0x2C) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
- (R0)
- (R0)
- (R0)
- (R0)
- (R0)
- (R0)
- (R0)
RES
RES
RES
RES
RES
RES
RES
RES
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 277. DSR12 (0x2C) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
SPSB100
SPI registers
DS14640 - Rev 2
page 181/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com