Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 197 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 197 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 193Page - STMicroelectronics SPSB100PTR Datasheet HTML 194Page - STMicroelectronics SPSB100PTR Datasheet HTML 195Page - STMicroelectronics SPSB100PTR Datasheet HTML 196Page - STMicroelectronics SPSB100PTR Datasheet HTML 197Page - STMicroelectronics SPSB100PTR Datasheet HTML 198Page - STMicroelectronics SPSB100PTR Datasheet HTML 199Page - STMicroelectronics SPSB100PTR Datasheet HTML 200Page - STMicroelectronics SPSB100PTR Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 213 page
background image
Figure 76. Solder mask defined (SMD)
SMD
Solderable PCB
10.3
Stencil design
Stencils for QFN packages can be used with thicknesses of 0.100 ~ 0.250 mm (0.004 ~ 0.010”) stencils thinner
than 0.100 mm are unsuitable because they deposit insufficient solder paste to make good solder joints with the
ground pad; high reductions sometimes create similar problems. Stencils in the range of 0.125 mm ~ 0.200 mm
(0.005 ~ 0.008”), with suitable reductions, give the best results. This design is for a stencil thickness of 0.127 mm
(0.005”). The reduction should be adjusted for stencils of other thicknesses.
SPSB100
PCB layout recommendation
DS14640 - Rev 2
page 197/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com