Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100PTR Datasheet(PDF) 203 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 203 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 199Page - STMicroelectronics SPSB100PTR Datasheet HTML 200Page - STMicroelectronics SPSB100PTR Datasheet HTML 201Page - STMicroelectronics SPSB100PTR Datasheet HTML 202Page - STMicroelectronics SPSB100PTR Datasheet HTML 203Page - STMicroelectronics SPSB100PTR Datasheet HTML 204Page - STMicroelectronics SPSB100PTR Datasheet HTML 205Page - STMicroelectronics SPSB100PTR Datasheet HTML 206Page - STMicroelectronics SPSB100PTR Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 213 page
background image
4.17
Safety checks ................................................................ 55
4.18
NVM integrity monitor .......................................................... 55
5
Serial peripheral interface (SPI) ...................................................56
5.1
ST-SPI ...................................................................... 56
5.1.1
Physical Layer.......................................................... 57
5.2
Signal description ............................................................. 57
5.2.1
Clock and data characteristics ............................................. 57
5.2.2
Communication protocol .................................................. 58
5.2.3
Address definition ....................................................... 61
6
Functional safety concept ........................................................65
6.1
Safety requirements ........................................................... 65
6.1.1
MCU in RUN mode ...................................................... 65
6.1.2
MCU in Smart-Power mode ............................................... 66
6.1.3
MCU in Stand-by mode................................................... 67
6.2
Safety mechanisms............................................................ 68
7
Electrical characteristics..........................................................69
7.1
Supply monitoring ............................................................. 69
7.2
Power ground loss monitoring ................................................... 70
7.3
Oscillator .................................................................... 71
7.4
Power-on reset ............................................................... 71
7.5
LDO1 voltage regulator ........................................................ 71
7.6
LDO2 voltage regulator ........................................................ 72
7.7
Boost controller ............................................................... 72
7.8
BUCK1 converter ............................................................. 75
7.9
BUCK2 converter ............................................................. 77
7.10
BUCK3 converter ............................................................. 86
7.11
Watchdog .................................................................... 91
7.12
High side output OUT_HS ...................................................... 94
7.13
NFSO1 fail safe output ......................................................... 95
7.14
Wake up inputs (WU, IGN)...................................................... 95
7.15
SPI ......................................................................... 97
7.16
SWDBG input ...............................................................101
7.17
ADC characteristics ..........................................................102
7.18
IRQ interrupt ................................................................102
7.19
FIN1 input...................................................................103
7.20
Timer.......................................................................103
SPSB100
Contents
DS14640 - Rev 2
page 203/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com