Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F14X Datasheet(PDF) 27 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F14X Datasheet(HTML) 27 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 23Page - Texas Instruments MSP430F14X Datasheet HTML 24Page - Texas Instruments MSP430F14X Datasheet HTML 25Page - Texas Instruments MSP430F14X Datasheet HTML 26Page - Texas Instruments MSP430F14X Datasheet HTML 27Page - Texas Instruments MSP430F14X Datasheet HTML 28Page - Texas Instruments MSP430F14X Datasheet HTML 29Page - Texas Instruments MSP430F14X Datasheet HTML 30Page - Texas Instruments MSP430F14X Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
27
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Specifications
Copyright © 2000–2018, Texas Instruments Incorporated
(1)
The leakage current is defined in the leakage current table.
(2)
The analog input voltage range must be within the selected reference voltage range VR+ to VR− for valid conversion results.
(3)
The internal reference supply current is not included in current consumption parameter IADC12.
(4)
The internal reference current is supplied through the AVCC terminal. Consumption is independent of the ADC12ON control bit, unless a
conversion is active. The REFON bit enables to settle the built-in reference before starting a conversion.
(5)
Not production tested, limits verified by design.
5.23 12-Bit ADC, Power Supply and Input Range Conditions
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
AVCC
Analog supply voltage
AVCC and DVCC are connected together,
AVSS and DVSS are connected together,
V(AVSS) = V(DVSS) = 0 V
2.2
3.6
V
V(P6.x/Ax)
Analog input voltage (2)
All P6.0/A0 to P6.7/A7 terminals, analog
inputs selected in ADC12MCTLx register
and P6Sel.x = 1,
0
≤ x ≤ 7, V(AVSS) ≤ V(P6.x/Ax) ≤ V(AVCC)
0
VAVCC
V
IADC12
ADC operating supply current
into AVCC terminal
(3)
fADC12CLK = 5.0 MHz,
ADC12ON = 1, REFON = 0,
SHT0 = 0, SHT1 = 0, ADC12DIV = 0
2.2 V
0.65
1.3
mA
3 V
0.8
1.6
IREF+
REF operating supply current
into AVCC terminal
(4)
fADC12CLK = 5.0 MHz, ADC12ON = 0,
REFON = 1, REF2_5V = 1
3 V
0.5
0.8
mA
fADC12CLK = 5.0 MHz, ADC12ON = 0,
REFON = 1, REF2_5V = 0
2.2 V
0.5
0.8
3 V
0.5
0.8
CI
Input capacitance(5)
Only one P6.x/Ax terminal can be selected
at one time
2.2 V
40
pF
RI
Input MUX ON resistance(5)
0 V
≤ VAx ≤ VAVCC
3 V
2000
Ω
(1)
The external reference is used during conversion to charge and discharge the capacitance array. The input capacitance, CI, is also the
dynamic load for an external reference during conversion. The dynamic impedance of the reference supply should follow the
recommendations on analog-source impedance to allow the charge to settle for 12-bit accuracy.
(2)
The accuracy requirements limit the minimum positive external reference voltage. Lower reference voltage levels may be applied with
reduced accuracy requirements
(3)
The accuracy requirements limit the maximum negative external reference voltage. Higher reference voltage levels may be applied with
reduced accuracy requirements.
(4)
The accuracy requirements limit the minimum external differential reference voltage. Lower differential reference voltage levels may be
applied with reduced accuracy requirements.
5.24 12-Bit ADC, External Reference
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
VVeREF+
Positive external reference input voltage
VVeREF+ > VVREF-/VeREF-
(2)
1.4
VAVCC
V
VVREF-/VeREF-
Negative external reference input voltage
VVeREF+ > VVREF-/VeREF-
(3)
0
1.2
V
VVeREF+ −
VVREF-/VeREF-
Differential external reference input voltage VVeREF+ > VVREF-/VeREF-
(4)
1.4
VAVCC
V
IVeREF+
Static input current, VeREF+
0 V
≤ VVeREF+ ≤ VAVCC
2.2 V, 3 V
±1
µA
IVREF-/VeREF-
Static input current, VeREF
−
0 V
≤ VVeREF− ≤ VAVCC
2.2 V, 3 V
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com