Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F14X Datasheet(PDF) 34 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F14X Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 30Page - Texas Instruments MSP430F14X Datasheet HTML 31Page - Texas Instruments MSP430F14X Datasheet HTML 32Page - Texas Instruments MSP430F14X Datasheet HTML 33Page - Texas Instruments MSP430F14X Datasheet HTML 34Page - Texas Instruments MSP430F14X Datasheet HTML 35Page - Texas Instruments MSP430F14X Datasheet HTML 36Page - Texas Instruments MSP430F14X Datasheet HTML 37Page - Texas Instruments MSP430F14X Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
34
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Detailed Description
Copyright © 2000–2018, Texas Instruments Incorporated
6.2
Instruction set
The instruction set consists of 51 instructions with three formats and seven address modes. Each
instruction can operate on word and byte data. Table 6-1 lists examples of the three types of instruction
formats, and Table 6-2 lists the address modes.
Table 6-1. Instruction Word Formats
INSTRUCTION FORMAT
EXAMPLE
OPERATION
Dual operands, source-destination
ADD R4, R5
R4 + R5
→ R5
Single operands, destination only
CALL R8
PC
→ (TOS), R8 → PC
Relative jump, unconditional or conditional
JNE
Jump-on-equal bit = 0
(1)
S = source, D = destination
Table 6-2. Address Mode Descriptions
ADDRESS MODE
S(1)
D(1)
SYNTAX
EXAMPLE
OPERATION
Register
✓
✓
MOV Rs, Rd
MOV R10, R11
R10
→ R11
Indexed
✓
✓
MOV X(Rn), Y(Rm)
MOV 2(R5), 6(R6)
M(2+R5)
→ M(6+R6)
Symbolic (PC relative)
✓
✓
MOV EDE, TONI
M(EDE)
→ M(TONI)
Absolute
✓
✓
MOV &MEM, &TCDAT
M(MEM)
→ M(TCDAT)
Indirect
✓
MOV @Rn, Y(Rm)
MOV @R10, Tab(R6)
M(R10)
→ M(Tab+R6)
Indirect autoincrement
✓
MOV @Rn+, Rm
MOV @R10+, R11
M(R10)
→ R11
R10 + 2
→ R10
Immediate
✓
MOV #X, TONI
MOV #45, TONI
#45
→ M(TONI)
6.3
Operating Modes
The MSP430F13x, MSP430F14x, and MSP430F14x1 MCUs support one active mode and five software-
selectable low-power modes of operation. An interrupt event can wake up the MCU from any of the low-
power modes, service the request, and restore back to the low-power mode on return from the interrupt
program.
The following operating modes can be configured by software:
•
Active mode (AM)
–
All clocks are active
•
Low-power mode 0 (LPM0)
–
CPU is disabled
–
ACLK and SMCLK remain active
–
MCLK is disabled
•
Low-power mode 1 (LPM1)
–
CPU is disabled
–
ACLK and SMCLK remain active
–
MCLK is disabled
–
DC generator of the DCO is disabled if
DCO not used in active mode
•
Low-power mode 2 (LPM2)
–
CPU is disabled
–
MCLK and SMCLK are disabled
–
DC generator of the DCO remains
enabled
–
ACLK remains active
•
Low-power mode 3 (LPM3)
–
CPU is disabled
–
MCLK and SMCLK are disabled
–
DC generator of the DCO is disabled
–
ACLK remains active
•
Low-power mode 4 (LPM4)
–
CPU is disabled
–
ACLK is disabled
–
MCLK and SMCLK are disabled
–
DC generator of the DCO is disabled
–
Crystal oscillator is stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com